Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM185
Description  Adjustable Micropower Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM185 Datasheet HTML 1Page - National Semiconductor (TI) LM185 Datasheet HTML 2Page - National Semiconductor (TI) LM185 Datasheet HTML 3Page - National Semiconductor (TI) LM185 Datasheet HTML 4Page - National Semiconductor (TI) LM185 Datasheet HTML 5Page - National Semiconductor (TI) LM185 Datasheet HTML 6Page - National Semiconductor (TI) LM185 Datasheet HTML 7Page - National Semiconductor (TI) LM185 Datasheet HTML 8Page - National Semiconductor (TI) LM185 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM185/LM285/LM385
Adjustable Micropower Voltage References
General Description
The LM185/LM285/LM385 are micropower 3-terminal ad-
justable band-gap voltage reference diodes. Operating from
1.24 to 5.3V and over a 10µA to 20mA current range, they
feature exceptionally low dynamic impedance and good tem-
perature stability. On-chip trimming is used to provide tight
voltage tolerance. Since the LM185 band-gap reference
uses only transistors and resistors, low noise and good
long-term stability result.
Careful design of the LM185 has made the device tolerant of
capacitive loading, making it easy to use in almost any
reference application. The wide dynamic operating range
allows its use with widely varying supplies with excellent
regulation.
The extremely low power drain of the LM185 makes it useful
for micropower circuitry. This voltage reference can be used
to make portable meters, regulators or general purpose
analog circuitry with battery life approaching shelf life. Fur-
ther, the wide operating current allows it to replace older
references with a tighter tolerance part.
The LM185 is rated for operation over a −55˚C to 125˚C
temperature range, while the LM285 is rated −40˚C to 85˚C
and the LM385 0˚C to 70˚C. The LM185 is available in a
hermetic TO-46 package and a leadless chip carrier pack-
age, while the LM285/LM385 are available in a low-cost
TO-92 molded package, as well as S.O.
Features
n
Adjustable from 1.24V to 5.30V
n
Operating current of 10µA to 20mA
n
1% and 2% initial tolerance
n
1
Ω dynamic impedance
n
Low temperature coefficient
Connection Diagrams
TO-92
Plastic Package
TO-46
Metal Can Package
00525009
Bottom View
00525001
Bottom View
SOIC Package
20-Leadless Chip Carrier
00525010
Top View
00525015
Top View
February 2000
© 2004 National Semiconductor Corporation
DS005250
www.national.com


Similar Part No. - LM185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185 NSC-LM185 Datasheet
747Kb / 14P
Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
211Kb / 11P
MICROCIRCUIT DATA SHEET
LM185 NSC-LM185 Datasheet
723Kb / 14P
Adjustable Micropower Voltage References
logo
Texas Instruments
LM185 TI2-LM185 Datasheet
963Kb / 27P
LM185/LM285/LM385 Adjustable Micropower Voltage References
REVISED APRIL 2013
logo
National Semiconductor ...
LM185-1.2 NSC-LM185-1.2 Datasheet
698Kb / 11P
Micropower Voltage Reference Diode
More results

Similar Description - LM185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185 NSC-LM185 Datasheet
747Kb / 14P
Adjustable Micropower Voltage References
LM185 NSC-LM185_08 Datasheet
723Kb / 14P
Adjustable Micropower Voltage References
LM185QML NSC-LM185QML Datasheet
713Kb / 15P
Adjustable Micropower Voltage References
logo
Texas Instruments
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
LM185/LM285/LM385 Adjustable Micropower Voltage References
5962-9091402QYA TI-5962-9091402QYA Datasheet
459Kb / 15P
LM185QML Adjustable Micropower Voltage References
LM385Z TI-LM385Z Datasheet
1Mb / 23P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM185-ADJ TI-LM185-ADJ_15 Datasheet
1Mb / 23P
Adjustable Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com