Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3P2LC4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # ST3P2LC4
Description  Relay package consisting of DIN-rail socket and relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ST3P2LC4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  ST3P2LC4 Datasheet HTML 1Page - TE Connectivity Ltd ST3P2LC4 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Product Sets
Relay Package SNR (Continued)
Other data
Mechanical endurance
10x106 cycles
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Environment
Ambient termperature range
-40...+55°C
Processing
Terminals
screw / cage clamp
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.6 Nm
Wire cross section
single wire
0.14...2.5 mm2
fine wire
0.14...2.5 mm2
with bootlace crimp (DIN 46228/1)
0.14...2.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
≥ 0 mm, dense packing of sockets
Weight
32 g
Packaging unit
10 pcs
Accessories
For accessories see datasheet
Accessories Slim Interface Relay SNR
Version with
screw terminals
S0487-AA
Version with
cage clamp terminals
S0487-BA
Product code
Socket
Terminals
Relay
Contacts
Coil
Part Number
ST3P2LC4
ST3FLC4
screw
V23092-S1024-A201
AgSnO2 gold pl.
24VDC
3-1416100-0
ST3P3LB2
V23092-S1012-A301
AgSnO2
12VDC
3-1416100-1
ST3P3LC4
V23092-S1024-A301
24VDC
3-1416100-2
ST3P3SM5
ST3FSM5
V23092-S1060-A301
115VDC/VAC
3-1416100-3
ST3P3TP0
ST3FTP0
230VDC/VAC
3-1416100-4
ST4P2LC4
ST4FLC4
cage clamp
V23092-S1024-A201
AgSnO2 gold pl.
24VDC
3-1416100-5
ST4P3LB2
V23092-S1012-A301
AgSnO2
12VDC
3-1416100-6
ST4P3LC4
V23092-S1024-A301
24VDC
3-1416100-7
ST4P3SM5
ST4FSM5
V23092-S1060-A301
115VDC/VAC
3-1416100-8
ST4P3TP0
ST4FTP0
230VDC/VAC
3-1416100-9
Other types on request
Product code structure
Typical product code
ST
4P
3
TP0
Type
ST Relay Package SNR
Version
3P Relay set, SNR 1-pole CO (1 form C), 6 A, screw terminals
4P Relay set, SNR 1-pole CO (1 form C), 6 A, cage clamp terminals
Contact material
2
AgSnO2, gold plated
3 AgSnO2
Coil
LB2 12 VDC
LC4
24 VDC
SM5 115 VDC/VAC
TP0
230 VDC/VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com