Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3P2LC4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # ST3P2LC4
Description  Relay package consisting of DIN-rail socket and relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ST3P2LC4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  ST3P2LC4 Datasheet HTML 1Page - TE Connectivity Ltd ST3P2LC4 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
n
Relay package consisting of DIN-rail socket and relay
n
1 CO with 6 A rated load
n
Module width only 6.2 mm
n
Reduced system width for increased packing density
on the DIN rail
Approvals
Relay: VDE Cert. No. 40010063, cULus E214025, cCSAus 2148326
Socket: VDE Cert. No. 40010063, cULus E224918
Technical data of approved types on request
Contact data
Contact configuration
1 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage/max. switching voltage AC
240/400 VAC
Rated current
6 A
Maximum breaking capacity AC
1500 VA
Limiting breaking capacity,
max. 4 s, duty factor 10%
10 A
Contact material
AgSnO2
AgSnO2
gold plated
Minimum contact load
100mA, 12V
50mW
Rated frequency of operation
with/without load
6 / 1200 min-1
Operate-/release time
max 12 / 5 ms
Bounce time NO/NC contact
max 3 / 8 ms
Contact ratings
For contact ratings see datasheet
Slim Interface Relay SNR
Input data
Rated input voltage DC
12, 24 VDC, 115, 230 VAC/VDC*)
Operative range to IEC 61810
2
*) Version 115, 230 VAC/VDC equipped with 60 VDC relay
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
LB2
12
8.4
0.6
848
184
LC4
24
16.8
1.2
3390
220
Coil versions, AC coil 50 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
mVA
SM5
115
82.0
9.0
not applicable
403
TP0
230
160.0
15.0
not applicable
736
Other coil voltages on request.
General Purpose Relays
Product Sets
Relay Package SNR
Z
F0260-BS
Insulation
Dielectric strength
coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
≥ 6 / 8 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
230 / 400 V
Overvoltage category
III
b


Similar Part No. - ST3P2LC4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
Relay package consisting of DIN-rail socket and relay
More results

Similar Description - ST3P2LC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
Tyco Electronics
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
Safety Relay on DIN-rail SR6Z
PT2S7LB2 MACOM-PT2S7LB2 Datasheet
315Kb / 3P
Relay package consisting of PT relay, DIN-rail socket, plastic
RT3S4LC4 MACOM-RT3S4LC4 Datasheet
252Kb / 3P
Relay package consisting of RT relay, DIN-rail socket, plastic
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
Relay package consisting of DIN-rail socket and relay
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
DIN Rail Relay AC/DC Control
logo
PHOENIX CONTACT
RIF-3-RPT-LDP-24DC PHOENIX-RIF-3-RPT-LDP-24DC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RPT-LDP-24DC PHOENIX-RIF-4-RPT-LDP-24DC Datasheet
119Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com