Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23086-R2802-A803 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # V23086-R2802-A803
Description  Small power relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

V23086-R2802-A803 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  V23086-R2802-A803 Datasheet HTML 1Page - TE Connectivity Ltd V23086-R2802-A803 Datasheet HTML 2Page - TE Connectivity Ltd V23086-R2802-A803 Datasheet HTML 3Page - TE Connectivity Ltd V23086-R2802-A803 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
07-2017, Rev. 0717
www.te.com
© 2017 TE Connectivity.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Automotive Relays
PCB Double Relays
Double Micro Relay K (THT – THR) (Continued)
Product code structure
Typical product code
V23086
-C
20
01
-A
4
03
Type
V2086
Micro Relay K (THT-THR)
Terminal and enclosure
C
PCB version THT, sealed
R
PCB version THR, vented
Design
20
Double relay (THT)
28
Double relay (THR)
Coil
01
Standard
02
Sensitive
Contact type
A
Single contact
Contact material index
4
AgSnO2 standard
8
Wiper load
Contact arrangement index
03
form C (CO)
Product code
Terminal/Encl.
Design
Coil
Contact Cont. material
Arrangement
Part number
V23086-C2001-A403 PCB THT, imm., clean
Double
Standard
Single
AgSnO2
2 form C, 2 CO (standard)
0-1413009-9
V23086-R2801-A403
PCB THR, vented
relay
6-1414920-1
V23086-R2802-A803
Sensitive
2 form C, 2 CO (wiper load)
8-1414964-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com