Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23086-R2802-A803 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # V23086-R2802-A803
Description  Small power relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

V23086-R2802-A803 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  V23086-R2802-A803 Datasheet HTML 1Page - TE Connectivity Ltd V23086-R2802-A803 Datasheet HTML 2Page - TE Connectivity Ltd V23086-R2802-A803 Datasheet HTML 3Page - TE Connectivity Ltd V23086-R2802-A803 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
07-2017, Rev. 0717
www.te.com
© 2017 TE Connectivity.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
■ Small power relay
■ Limiting continuous current 20A at 85°C
■ Minimal weight
■ Low noise operation
■ Wave (THT) and reflow (THR/pin-in-paste) solderable versions
■ For single version refer to Single Micro Relay K
Typical applications
Door lock, heated front/rear screen, lamps front/rear/fog light, interior
lights, seat control, sun roof, window lifter, wiper control.
Contact Data
Contact arrangement
2 form C, 2 CO
Rated voltage
10/12VDC
Rated current1)
NO/NC
30A/25A
Limiting continuous current1)
23°C
30/25A
85°C
20/15A
105°C
15/10A
Limiting making current
40A2)
Limiting breaking current
30A
Contact material
AgSnO2
Min. contact load
1A at 5VDC3)
Initial voltage drop at 10A, typ./max.
30/300 mV
Operate/release time
typ. 3/1.5ms4)
Electrical endurance
-40°C, +25°C, +85°C and 14 VDC,
form C (CO), cyclic temperature
motor reverse blocked, 25A, 0.77mH
>1x105 ops.
wiper 25A make/5A break,
generator peak -20A on NC, L=1.0mH
>1x106 ops.
form A contact (NO), cyclic temperature
resistive 20A
>1x105 ops.
Contact Data (continued)
Mechanical endurance
> 5x106 ops.
1) Measured on 70x70x1.5mm epoxy PCB FR4 with 25cm2 (double layer 105μm)
copper area. Connecting cable cross section 6 mm2.Boundary conditions: 180°C coil
temperature;130°C solder joint. Only one relay energized.
2) The values apply to a resistive or inductive load with suitable spark suppression and at
maximum 13.5VDC for 12VDC load voltages. For a load current duration of maximum
3s for a make/break ratio of 1:10.
3) See chapter Diagnostics of Relays in our Application Notes or consult the internet at
http://relays.te.com/appnotes/
4) Measured at nominal voltage without coil suppression unit. A low resistive suppression
device in parallel to the relay coil increases the release time and reducesthe lifetime
caused by increased erosion and/or higher risk of contact tack welding.
Coil Data
Rated coil voltage
12VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
001
12
6.9
1.5
254
567
002
10
5.7
1.25
181
552
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Double Micro Relay K (THT – THR)
Automotive Relays
PCB Double Relays
Max. DC load breaking capacity
Load limit curve I: safe shutdown, arc extinguishes during transit time.
Load limit curve II: safe shutdown, no stationary arc.
Load limit curves measured with low inductive resistors verified for 1000 switching events.
0
50
100
150
200
250
300
-40-20
020406080100
120
Ambient temperature in °C
Umax
Uop (E=0V)
Does not take into account the temperature rise due to the contact current
E = pre-energization
086C/R2_fcw1b
10
100
0.11
10
100
Switching Current in A
curve II
curve I
Coil operating range


Similar Part No. - V23086-R2802-A803

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23086-C1001-A303 MACOM-V23086-C1001-A303 Datasheet
66Kb / 3P
20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
V23086-C1001-A402 MACOM-V23086-C1001-A402 Datasheet
66Kb / 3P
20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
V23086-C1001-A403 MACOM-V23086-C1001-A403 Datasheet
211Kb / 5P
Single Relays
Revision 03-06
V23086-C1001-A403 MACOM-V23086-C1001-A403 Datasheet
66Kb / 3P
20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
V23086-C1001-A602 MACOM-V23086-C1001-A602 Datasheet
211Kb / 5P
Single Relays
Revision 03-06
More results

Similar Description - V23086-R2802-A803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQC-3F ETC1-JQC-3F Datasheet
385Kb / 2P
Small-scaly power hit the electromagnetic relay
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
ULTRA SMALL AUTOMOTIVE RELAY
RX-RELAYS NAIS-RX-RELAYS Datasheet
86Kb / 3P
SMALL MICRO WAVE RELAY
logo
celduc-relais
SF541310 CELDUC-SF541310 Datasheet
83Kb / 2P
VERY SMALL POWER SOLID STATE RELAY
SF542310 CELDUC-SF542310 Datasheet
82Kb / 2P
VERY SMALL POWER SOLID STATE RELAY
SF546310 CELDUC-SF546310 Datasheet
84Kb / 2P
VERY SMALL POWER SOLID STATE RELAY
logo
fujitsu semiconductor
FTR-J2 FUJITSU-FTR-J2_10 Datasheet
420Kb / 9P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2_12 Datasheet
494Kb / 10P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
1a 5A small size power relay for interface
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
1a 5A small size power relay for interface
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com