Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTMTSG Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTMTSG
Description  Mini TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTMTSG Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTMTSG Datasheet HTML 4Page - OSRAM GmbH LTMTSG Datasheet HTML 5Page - OSRAM GmbH LTMTSG Datasheet HTML 6Page - OSRAM GmbH LTMTSG Datasheet HTML 7Page - OSRAM GmbH LTMTSG Datasheet HTML 8Page - OSRAM GmbH LTMTSG Datasheet HTML 9Page - OSRAM GmbH LTMTSG Datasheet HTML 10Page - OSRAM GmbH LTMTSG Datasheet HTML 11Page - OSRAM GmbH LTMTSG Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2012-11-05
8
Version 1.0
LT MTSG
Forward Current 6) page 20
Durchlassstrom 6) Seite20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 20 , 7) page 20
Relative Lichtstärke 6) Seite 20 , 7) Seite 20
IV/IV(20 mA) = f(IF); TS = 25 °C
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20
λdom = f(IF); TS = 25 °C
20UI01003
2.6 2.8 3.0 3.2 3.4 3.6 3.8
UF [V]
0
20
40
60
80
100
IF [mA]
LTMTSG
IF [mA]
0.1
0.2
0.3
0.4
0.5
1
2
3
IV
IV(20mA)
20IL01003
0
20406080
100
IF [mA]
500
520
540
560
580
600
λ[nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com