Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTMTSG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTMTSG
Description  Mini TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTMTSG Datasheet(HTML) 1 Page - OSRAM GmbH

  LTMTSG Datasheet HTML 1Page - OSRAM GmbH LTMTSG Datasheet HTML 2Page - OSRAM GmbH LTMTSG Datasheet HTML 3Page - OSRAM GmbH LTMTSG Datasheet HTML 4Page - OSRAM GmbH LTMTSG Datasheet HTML 5Page - OSRAM GmbH LTMTSG Datasheet HTML 6Page - OSRAM GmbH LTMTSG Datasheet HTML 7Page - OSRAM GmbH LTMTSG Datasheet HTML 8Page - OSRAM GmbH LTMTSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2012-11-05
1
2012-11-05
Mini TOPLED
Datasheet
Version 1.0
LT MTSG
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
• Package: white SMD package, colorless clear
silicone resin
• Gehäusetyp: weißes SMD Gehäuse, klarer
Silikon - Verguss
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: (529 nm)
• Farbe: (529 nm)
• ESD - withstand voltage: 8 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 8 kV nach JESD22-A114-F
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Aircraft Interior Lighting
• Aircraft Interior Lighting
• Automotive Interior Lighting
• Automotive Interior Lighting
• White Goods Lighting
• White Goods Lighting
• Medical Lighting
• Medical Lighting
• Variable Message Signs (VMS)
• Variable Message Signs (VMS)


Similar Part No. - LTMTSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
Small size high-flux LED for slim designs
More results

Similar Description - LTMTSG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com