Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874BST Datasheet(PDF) 21 Page - Analog Devices

Part # AD9874BST
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874BST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9874BST Datasheet HTML 17Page - Analog Devices AD9874BST Datasheet HTML 18Page - Analog Devices AD9874BST Datasheet HTML 19Page - Analog Devices AD9874BST Datasheet HTML 20Page - Analog Devices AD9874BST Datasheet HTML 21Page - Analog Devices AD9874BST Datasheet HTML 22Page - Analog Devices AD9874BST Datasheet HTML 23Page - Analog Devices AD9874BST Datasheet HTML 24Page - Analog Devices AD9874BST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
REV. 0
AD9874
–21–
–25
0
–90
–100
–110
–120
–20
–15
–10
–5
0
5
10
15
20
25
CKI = 0
FREQUENCY OFFSET – kHz
–80
–70
–60
–50
–40
–30
–20
–10
CKI = 2
CKI = 6
EXT CLK
CKI = 4
Figure 7c. CLK Phase Noise vs. Charge Pump Setting Bias
(CLK SYN Settings: CKO Bias = 3, CKR = 56, and CKN = 60
with fREF = 100kHz)
Table VIII. SPI Registers Associated with CLK Synthesizer
Address
Bit
Default
(Hex)
Breakdown Width
Value
Name
0x00
(7:0)
8
0xFF
STBY
0x01
(3:2)
2
0
CKOB
0x10
(5:0)
6
00
CKR(13:8)
0x11
(7:0)
8
0x38
CKR(7:0)
0x12
(4:0)
5
0x00
CKN(12:8)
0x13
(7:0)
8
0x3C
CKN(7:0)
0x14
(6)
1
0
CKF
(5)
1
0
CKINV
(4:2)
3
0
CKI
(1:0)
1
0
CKTM
0x15
(3:0)
4
0x0
CKFA(13:8)
0x16
(7:0)
8
0x04
CKFA(7:0)
IF LNA/MIXER
The AD9874 contains a single-ended LNA followed by a Gilbert-
type active mixer, shown in Figure 8 with the required external
components. The LNA uses negative shunt feedback to set its
input impedance at the IFIN Pin, thus making it dependent on the
LNA bias setting and input frequency. It can be modeled as
approximately 370
Ω//1.4 pF ( 20%) for the higher bias settings
below 100 MHz. Figures 9a and 9b show the equivalent input
impedance versus frequency characteristics of the AD9874 with
all the LNA bias settings. The increase in shunt resistance ver-
sus frequency can be attributed to the reduction in bandwidth,
thus the amount of negative feedback of the LNA. Note, the
input signal into IFIN should be ac-coupled via a 10 nF capaci-
tor since the LNA input is self-biasing.
RF
IFIN
RGAIN
RBIAS
VDDI
MXOP
LO INPUT =
0.3V p-p TO
1.0V p-p
DC SERVO
LOOP
MULTI-TANH
V–I STAGE
CXIF
MXON
CXVM
50
C
L
L
CXVL
2.7V TO 3.6V
Figure 8. Simplified Schematic of AD9874’s LNA/Mixer
FREQUENCY – MHz
500
100
400
600
200
0
550
450
150
50
350
300
350
300
250
LNA BIAS = 0
LNA BIAS = 1
LNA BIAS = 2
LNA BIAS = 3
Figure 9a. The Shunt Input Resistance vs. the
Frequency of the AD9874’s IF1 Input
FREQUENCY – MHz
1.5
100
0.5
2.5
200
0
2.0
1.0
150
50
0
350
300
250
LNA BIAS = 3
LNA BIAS = 2
LNA BIAS = 1
LNA BIAS = 0
Figure 9b. The Shunt Capacitance vs.
the Frequency of the AD9874’s IF1 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com