Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874BST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9874BST
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874BST Datasheet(HTML) 3 Page - Analog Devices

  AD9874BST Datasheet HTML 1Page - Analog Devices AD9874BST Datasheet HTML 2Page - Analog Devices AD9874BST Datasheet HTML 3Page - Analog Devices AD9874BST Datasheet HTML 4Page - Analog Devices AD9874BST Datasheet HTML 5Page - Analog Devices AD9874BST Datasheet HTML 6Page - Analog Devices AD9874BST Datasheet HTML 7Page - Analog Devices AD9874BST Datasheet HTML 8Page - Analog Devices AD9874BST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
REV. 0
–3–
AD9874
DIGITAL SPECIFICATIONS (VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = 2.7 to 3.6 V, VDDQ = VDDP = 2.7 V to 5.5 V,
fCLK = 18 MSPS, fIF = 109.65 MHz, fLO = 107.4 MHz, fREF = 16.8 MHz, unless otherwise noted.)
1
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DECIMATOR
Decimation Factor
2
Full
IV
48
960
Pass-Band Width
Full
V
50%
fCLKOUT
Pass-Band Gain Variation
Full
IV
1.2
dB
Alias Attenuation
Full
IV
88
dB
SPI-READ OPERATION (See Figure 1a)
PC Clock Frequency
Full
IV
10
MHz
PC Clock Period (tCLK)
Full
IV
100
ns
PC Clock HI (tHI)
Full
IV
45
ns
PC Clock LOW (tLOW)
Full
IV
45
ns
PC to PD Setup Time (tDS)
Full
IV
2
ns
PC to PD Hold Time (tDH)
Full
IV
2
ns
PE to PC Setup Time (t
S)
Full
IV
5
ns
PC to
PE Hold Time (t
H)
Full
IV
5
ns
SPI-WRITE OPERATION
3 (See Figure 1b)
PC Clock Frequency
Full
IV
10
MHz
PC Clock Period (tCLK)
Full
IV
100
ns
PC Clock HI (tHI)
Full
IV
45
ns
PC Clock LOW (tLOW)
Full
IV
45
ns
PC to PD Setup Time (tDS)
Full
IV
2
ns
PC to PD Hold Time (tDH)
Full
IV
2
ns
PC to PD (or DOUBT) Data Valid Time (tDV)
Full
IV
3
ns
PE to PD Output Valid to Hi-Z (t
EZ)
Full
IV
8
ns
SSI
3 (see Figure 2b)
CLKOUT Frequency
Full
IV
0.867
26
MHz
CLKOUT Period (tCLK)
Full
IV
38.4
1153
ns
CLKOUT Duty Cycle (tHI, tLOW)
Full
IV
33
50
67
ns
CLKOUT to FS Valid Time (tV)
Full
IV
–1
1
ns
CLKOUT to DOUT Data Valid Time (tDV)
Full
IV
–1
1
ns
CMOS LOGIC INPUTS
4
Logic “1” Voltage (VIH)
Full
IV
VDDH–0.2
V
Logic “0” Voltage (VIL)
Full
IV
0.5
V
Logic “1” Current (VIH)
Full
IV
10
mA
Logic “0” Current (VIL)
Full
IV
10
mA
Input Capacitance
Full
IV
3
pF
CMOS LOGIC OUTPUTS
3,4,5
Logic “1” Voltage (VIH)
Full
IV
VDDH–0.2
V
Logic “0” Voltage (VIL)
Full
IV
0.2
V
NOTES
1Standard operating mode: high IIP3 setting, synthesizers in normal (not fast acquire) mode, f
CLK = 18 MHz, decimation factor = 300, 10 pF load on SSI output pins:
VDDx = 3.0 V.
2Programmable in steps of 48 or 60.
3CMOS output mode with C
LOAD = 10 pF and Drive Strength = 7.
4Absolute Max and Min input/output levels are VDDH +0.3 V and –0.3 V.
5I
OL = 1 mA; specification is also dependent on Drive Strength setting.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com