Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4F Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA4F
Description  High junction temperature Transil?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA4F Datasheet(HTML) 1 Page - STMicroelectronics

  SMA4F Datasheet HTML 1Page - STMicroelectronics SMA4F Datasheet HTML 2Page - STMicroelectronics SMA4F Datasheet HTML 3Page - STMicroelectronics SMA4F Datasheet HTML 4Page - STMicroelectronics SMA4F Datasheet HTML 5Page - STMicroelectronics SMA4F Datasheet HTML 6Page - STMicroelectronics SMA4F Datasheet HTML 7Page - STMicroelectronics SMA4F Datasheet HTML 8Page - STMicroelectronics SMA4F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2008
Rev 1
1/9
9
SMA4F
High junction temperature Transil™
Features
■ ECOPACK2
® halogen-free component
■ Peak pulse power:
– 400 W (10/1000 µs)
– 3 kW (8/20 µs)
■ Stand off voltage: 5 V
■ Unidirectional type
■ Low clamping voltage versus standard series
■ Low leakage current, 10 µA at 25 °C
■ Operating Tj max: 175 °C
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class3B
– 25 kV (human body model)
Description
The SMA4F Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, MIL STD
883 Method 3015, and electrical over stress such
as IEC 61000-4-4 and 5. They are generally for
surges below 400 W 10/1000 µs.
This planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. Their low clamping voltages provides a
better safety margin to protect sensitive circuits
with extended life time expectancy.
Packaged in SMAflat non exposed pad, this
minimizes PCB space consumption (footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
SMAflat
www.st.com


Similar Part No. - SMA4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA4F100A STMICROELECTRONICS-SMA4F100A Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA4F10A STMICROELECTRONICS-SMA4F10A Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA4F11A STMICROELECTRONICS-SMA4F11A Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA4F12A STMICROELECTRONICS-SMA4F12A Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
logo
Taiwan Semiconductor Co...
SMA4F12AH TSC-SMA4F12AH Datasheet
332Kb / 6P
400W, 12V ??60V Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMA4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
26-Jan-2005
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
High junction temperature Transil?
19-Dec-2007
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
High junction temperature Transil
07-Nov-2007
logo
Silikron Semiconductor ...
SSBR10100CT SILIKRON-SSBR10100CT Datasheet
195Kb / 2P
High Junction Temperature
SSBR20100CT SILIKRON-SSBR20100CT Datasheet
197Kb / 3P
High Junction Temperature
logo
STMicroelectronics
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
High junction temperature Transil?
01-Sep-2011
logo
Silikron Semiconductor ...
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com