Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4F Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA4F
Description  High junction temperature Transil?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA4F Datasheet(HTML) 4 Page - STMicroelectronics

  SMA4F Datasheet HTML 1Page - STMicroelectronics SMA4F Datasheet HTML 2Page - STMicroelectronics SMA4F Datasheet HTML 3Page - STMicroelectronics SMA4F Datasheet HTML 4Page - STMicroelectronics SMA4F Datasheet HTML 5Page - STMicroelectronics SMA4F Datasheet HTML 6Page - STMicroelectronics SMA4F Datasheet HTML 7Page - STMicroelectronics SMA4F Datasheet HTML 8Page - STMicroelectronics SMA4F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
SMA4F
4/9
Figure 4.
Clamping voltage versus peak pulse current
(exponential waveform, maximum values)
Figure 5.
Junction capacitance versus reverse applied voltage (typical values)
IPP(A)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
6
7
8
9
10
11
12
13
14
T
j initial=25 °C
SMA4F5.0A
tp = 8/20 µs
tp = 10/1000 µs
tp = 8/20 µs
tp = 10/1000 µs
VCL(V)
C(pF)
0
500
1000
1500
2000
2500
3000
01
23
45
6
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
SMA4F5.0A
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com