Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-1S Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics SPBTLE-1S Datasheet HTML 10Page - STMicroelectronics SPBTLE-1S Datasheet HTML 11Page - STMicroelectronics SPBTLE-1S Datasheet HTML 12Page - STMicroelectronics SPBTLE-1S Datasheet HTML 13Page - STMicroelectronics SPBTLE-1S Datasheet HTML 14Page - STMicroelectronics SPBTLE-1S Datasheet HTML 15Page - STMicroelectronics SPBTLE-1S Datasheet HTML 16Page - STMicroelectronics SPBTLE-1S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SPBTLE-1S
Hardware specifications
DocID030445 Rev 3
13/27
The follow table provides the association between SPBTLE-1S module pin and the related
BlueNRG-1 pin. Refer to the BlueNRG-1 datasheet for detailed description.
Table 5: Pinout description
Module
pin #
Name
BlueNRG-1
Pin (CSP
package)
Function
Mode:
"000"
Mode:
"001"
Mode:
"100"
Mode:
"010"
1
ADC2
D5
ADC input 2
2
ADC1
B4
ADC input 1
3
DIO4
C3
GPIO4
UART_RXD
I2C2_CLK
PWM0
4
DIO5
C2
GPIO5
UART_TXD
I2C2_DAT
PWM1
5
Vin
A3, E6
Supply pin
6
ANATEST0/
DIO14/
A5
GPIO14
I2C1_CLK
SPI_CLK
ADC_DATA
7
DIO7/BOOTa
D2
GPIO7
UART_CTS
I2C2_DAT
PDM_CLK
8
GND
A4, B6, C1, F5
Ground
9
DIO6
D1
GPIO6
UART_RTS
I2C2_CLK
PDM_DATA
10
DIO8
D3
GPIO8
UART_TXD
SPI_CLK
PDM_DATA
11
DIO11
E2
GPIO11
UART_RXD
SPI_CS1
12
DIO9
E1
GPIO9
SWCLK
SPI_IN b
13
DIO10
F1
GPIO10
SWDIO
SPI_OUT c
14
ANATES1
D4
Anatest1
15
DIO0
A2
GPIO0
UART_CTS
SPI_CLK
16
DIO2
A1
GPIO2
PWM0
SPI_OUT
PDM_CLK
17
DIO3
B1
GPIO3
PWM1
SPI_IN
ADC_CLK
18
DIO1
B2
GPIO1
UART_RTS
SPI_CS1
PDM_DATA
19
RESETN
B3
Reset Pin
20
DIO12
F2
GPI12 d
I2C1CLK
21
N.C.
N/A
Must be left floating
22
N.C.
N/A
Must be left floating
23
N.C.
N/A
Must be left floating
a The pin DIO7/BOOT is monitored by bootloader after power up or hardware Reset and it
should be low to prevent unwanted bootloader activation .
a The pin DIO7/BOOT is monitored by bootloader after power up or hardware Reset and it should be low to
prevent unwanted bootloader activation
b The function SPI_IN indicates that the pin is always an input when configured for SPI. Thus in case of SPI
master role, it acts as MISO pin. In case of SPI slave role, this pin act as MOSI. See Table 5.
c The function SPI_OUT indicates that the pin is always an output when configured for SPI. Thus in case of SPI
master role, it acts as MOSI pin. In case of SPI slave role, this pin act as MISO. See Table 5.
d DI012 can only be General Purpose Input pins (not output), or I2C1 clock pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com