Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-1S Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 16Page - STMicroelectronics SPBTLE-1S Datasheet HTML 17Page - STMicroelectronics SPBTLE-1S Datasheet HTML 18Page - STMicroelectronics SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics SPBTLE-1S Datasheet HTML 21Page - STMicroelectronics SPBTLE-1S Datasheet HTML 22Page - STMicroelectronics SPBTLE-1S Datasheet HTML 23Page - STMicroelectronics SPBTLE-1S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Regulatory compliance
SPBTLE-1S
20/27
DocID030445 Rev 3
This module is evaluated for stand-alone use only. Finished products incorporating multiple
transmitters must comply with colocation and RF exposure requirements in accordance
with IC multi-transmitter product procedures. Collocated transmitters operating in portable
RF Exposure conditions (e.g. < 20 cm from persons including but not limited to body worn
and hand held devices) may require separate approval.
6.2.1
Labeling instructions
When integrating the SPBTLE-1S into the final product, the OEM must ensure that the IC
labeling requirements are satisfied. A statement must be included on the exterior of the
final product which indicates that the product includes a certified module. The label should
state the following (or similar wording that conveys the same meaning):
Contains IC: 8976C-SPBTLE1S
OR
This product contains IC: 8976C-SPBTLE1S
The OEM must include the following statements on the exterior of the final product unless
the product is too small (e.g. less than 4 x 4 inches):
This device complies with RSS-210 of the IC Rules. Operation is subject to the following
two conditions:
this device may not cause harmful interference
and
this device must accept any interference received, including any interference that may
cause undesired operation
6.2.2
Product manual instructions
This section applies to OEM final products containing the SPBTLE-1S module, subject to
IC compliance. The final product manual must contain the following statement (or a similar
statement that conveys the same meaning):
Changes or modifications not expressly approved by the party responsible for
compliance could void the user's authority to operate the equipment. (RSS-210)
In the case where an OEM seeks Class B (residential) limits for the final product, the
following statement must be included in the final product manual:
This equipment has been tested and found to comply with the limits for a Class B
digital device, pursuant to RSS-210 of the IC Rules. These limits are designed to
provide reasonable protection against harmful interference in a residential
installation. This equipment generates, uses and can radiate radio frequency
energy and, if not installed and used in accordance with the instructions, may
cause harmful interference to radio communications. However, there is no
guarantee that interference will not occur in a particular installation. If this
equipment does cause harmful interference to radio or television reception, which
can be determined by turning the equipment off and on, the user is encouraged to
try to correct the interference by one or more of the following measures:
Reorient or relocate the receiving antenna
Increase the separation between the equipment and receiver
Connect the equipment into an outlet on a circuit different from that to which
the receiver is connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com