Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 26Page - STMicroelectronics ST25DV04K Datasheet HTML 27Page - STMicroelectronics ST25DV04K Datasheet HTML 28Page - STMicroelectronics ST25DV04K Datasheet HTML 29Page - STMicroelectronics ST25DV04K Datasheet HTML 30Page - STMicroelectronics ST25DV04K Datasheet HTML 31Page - STMicroelectronics ST25DV04K Datasheet HTML 32Page - STMicroelectronics ST25DV04K Datasheet HTML 33Page - STMicroelectronics ST25DV04K Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 220 page
background image
Memory management
ST25DV04K ST25DV16K ST25DV64K
30/220
DocID027603 Rev 4
Programming ENDA3 to FFh in step 2.a would have resulted in into an error, since rule
ENDAi-1 < ENDAi would not been respected (ENDA2 = ENDA3 in that case).
Registers for user memory area configuration
2.
Split of user memory in four areas:
a)
ENDA3 is not updated as it is already set to end of memory.
b)
ENDA2 is not updated as it is already set to end of memory.
c)
Set ENDA1 = 3Fh (Last block of Area 1: (3Fh x 8) + 7 = 01FFh)
d)
Set ENDA2 = 5Fh (Last block of Area 1: (5Fh x 8) + 7 = 02FFh)
e)
Set ENDA3 = BFh (Last block of Area 1: (BFh x 8) + 7 = 05FFh)
–
Area1 from Block 0000h to 01FFh (512 Blocks)
–
Area2 from Block 0200h to 02FFh (256 Blocks)
–
Area3 from Block 0300h to 05FFh (768 Blocks)
–
Area4 from Block 0600h to 07FFh (512 Blocks).
3.
Return to a split in two equal areas:
a)
Set ENDA3 = FFh
b)
Set ENDA2 = FFh
c)
Set ENDA1 = 7Fh (Last block of Area 1: (7Fh x 8) + 7 = 03FFh)
–
Area1 from Block 0000h to 03FFh (1024 Blocks)
–
Area2 from Block 0400h to 07FFh (1024 Blocks)
–
There is no Area3.
–
There is no Area4.
Table 5. ENDA1(1)
RF
Command
Read Configuration (cmd code A0h) @05h
Write Configuration (cmd code A1h) @05h
Type
R always, W if RF configuration security session is open and configuration not
locked
I2C
Address
E2 = 1, 0005h
Type
R always, W if I2C security session is open
Bit
Name
Function
Factory Value
b7-b0
ENDA1
End Area 1 = 8*ENDA1+7 when expressed in blocks (RF)
End Area 1 = 32*ENDA1+31 when expressed in bytes (I2C)
ST25DV04K-XX: 0Fh
ST25DV16K-XX: 3Fh
ST25DV64K-XX: FFh
1. Refer to Table 8: System configuration memory map for the ENDA1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com