Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 29Page - STMicroelectronics ST25DV04K Datasheet HTML 30Page - STMicroelectronics ST25DV04K Datasheet HTML 31Page - STMicroelectronics ST25DV04K Datasheet HTML 32Page - STMicroelectronics ST25DV04K Datasheet HTML 33Page - STMicroelectronics ST25DV04K Datasheet HTML 34Page - STMicroelectronics ST25DV04K Datasheet HTML 35Page - STMicroelectronics ST25DV04K Datasheet HTML 36Page - STMicroelectronics ST25DV04K Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 220 page
background image
DocID027603 Rev 4
33/220
ST25DV04K ST25DV16K ST25DV64K
Memory management
219
N/A
RW(6)
Table 45: AFI
AFI value
E2=1
0013h
RO
N/A
RO
Table 46: MEM_SIZE
Memory size value in
blocks, 2 bytes
E2=1
0014h
to
0015h
RO
RO
Table 47: BLK_SIZE
Block size value in bytes
E2=1
0016h
RO
N/A
RO
Table 48: IC_REF
IC reference value
E2=1
0017h
RO
NA
RO
Table 49: UID
Unique identifier, 8 bytes
E2=1
0018h
to
001Fh
RO
No access
Table 50: IC_REV
IC revision
E2=1
0020h
RO
-
ST Reserved
E2=1
0021h
RO
-
ST Reserved
E2=1
0022h
RO
-
ST Reserved
E2=1
0023h
RO
Table 35: I2C_PWD
I2C security session
password, 8 bytes
E2=1
0900h
to
0907h
R(7)/
W(8)
N/A
WO(9)
Table 36: RF_PWD_0
RF configuration security
session password, 8 bytes
No access
N/A
WO(9)
Table 37: RF_PWD_1
RF user security session
password 1, 8 bytes
N/A
WO(9)
Table 38: RF_PWD_2
RF user security session
password 2, 8 bytes
N/A
WO(9)
Table 39: RF_PWD_3
RF user security session
password 3, 8 bytes
1. Write access is granted if RF configuration security session is open and configuration is not locked
(LOCK_CFG register equals to 0).
2. Write access if I2C security session is open.
3. LOCK_CCFILE content is only readable through reading the Block Security Status of blocks 00h and 001h
(see Section 5.6.3: User memory protection)
4. Write access to bit 0 if Block 00h is not already locked and to bit 1 if Block 01h is not already locked.
5. Write access if DSFID is not locked
6. Write access if AFI is not locked.
7. Read access is granted if I2C security session is open.
8. Write access with I2C Write Password command, only after presenting a correct I2C password.
9. Write access only if corresponding RF security session is open.
Table 8. System configuration memory map (continued)
RF access
Static Register
I2C access
Address
Type
Name
Function
Device
select
Address Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com