Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1079 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA1079
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1079 Datasheet(HTML) 1 Page - STMicroelectronics

  STA1079 Datasheet HTML 1Page - STMicroelectronics STA1079 Datasheet HTML 2Page - STMicroelectronics STA1079 Datasheet HTML 3Page - STMicroelectronics STA1079 Datasheet HTML 4Page - STMicroelectronics STA1079 Datasheet HTML 5Page - STMicroelectronics STA1079 Datasheet HTML 6Page - STMicroelectronics STA1079 Datasheet HTML 7Page - STMicroelectronics STA1079 Datasheet HTML 8Page - STMicroelectronics STA1079 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For further information contact your local STMicroelectronics sales office.
September 2015
DocID028356 Rev 1
1/16
STA1074, STA1078
STA1079, STA1088
Telemaco2 family of telematics and connectivity microprocessors
Data brief
Features
Core and infrastructure
 ARM® Cortex™-R4 MCU
 Embedded SRAM
 SDRAM controller
 Serial QIO NOR interface executable in place
 Parallel NAND/NOR controller
Audio subsystem
 Stereo channels hardware Sample Rate
Converter
 Digital audio interfaces (I2S/ multichannel
ports)
 Stereo audio DAC with 103 dB SNR
A-Weighted
 Single ended stereo ADC with internal
switching logic
 Differential Mono ADC with internal switching
logic
Media interfaces
 Secure-Digital Multimedia Memory Card
Interfaces (SD3.0/MMC4.4/SDIO)
 USB 2.0 with integrated PHY with charging
function support
Embedded secure CAN subsystem
 Dedicated ARM Cortex-M3 core
 Isolated embedded memory
 CAN ports
 Secured NOR interface
I/O interfaces
 General purpose ADCs
 I2C multi-master/slave interfaces
 UART Controllers
 Synchronous Serial Ports (SSP/SPI)
 GPIOs
 JTAG based in-circuit emulator (ICE) with
Embedded Trace Module
Operating conditions
 VDD: 1.14 V - 1.26 V
 VDDIO: 3.3 V ±10%
 VDDIOON: 3.3 V ±10%
 Ambient temperature range: -40 / +85 °C
www.st.com


Similar Part No. - STA1079

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1050 STMICROELECTRONICS-STA1050 Datasheet
148Kb / 11P
CD-Audio one-chip
21-Nov-2006
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1052S1 STMICROELECTRONICS-STA1052S1 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1080 STMICROELECTRONICS-STA1080 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
STA1080 STMICROELECTRONICS-STA1080 Datasheet
1Mb / 127P
Accordo2 family – Automotive dual core processor for car radio and display audio application
20-Apr-2021
More results

Similar Description - STA1079

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
MX family of microprocessors
logo
Integrated Device Techn...
79RC64574 IDT-79RC64574 Datasheet
571Kb / 28P
Advanced 64-bit Microprocessors Product Family
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
MX family of microprocessors
Rev. 1.3, 06/2008
logo
STMicroelectronics
STA1385 STMICROELECTRONICS-STA1385 Datasheet
221Kb / 6P
Telemaco3P automotive family of telematics and connectivity microprocessor
logo
NXP Semiconductors
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com