Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5222 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LS5222
Description  500 mW Zener Diode 2.4 to 75 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LS5222 Datasheet(HTML) 1 Page - Micro Commercial Components

  LS5222 Datasheet HTML 1Page - Micro Commercial Components LS5222 Datasheet HTML 2Page - Micro Commercial Components LS5222 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LS5221
THRU
LS5267
500 mW
Zener Diode
2.4 to 75 Volts
Features
•
Glass Package
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Surface Mount Package
Maximum Ratings
•
Operating Temperature: -55
°C to +175°C
•
Storage Temperature: -55
°C to +175°C
•
500 mWatt DC Power Dissipation
•
Power Derating: 5.0mW/
°C above 50°C
•
Forward Voltage @ 200mA: 1.1 Volts
Figure 2 - Derating Curve
Power Dissipation (mW) -
Versus - Ambient Temperature °C
Temperature
°C
mW
200
400
Typical Capacitance (pf) –
versus – Zener voltage (V
Z)
Figure 1 - Typical Capacitance
0
100
200
1
10
100
pf
VZ
At zero volts
At –2 Volts V R
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 4
2009/01/20
www.mccsemi.com
1 of 3
Marking : Cathode band denotes polarity
TM
Micro Commercial Components
Quadro MELF
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.063
1.40
1.60
∅
D
.067
1.70
.155”
.022”
.065”
A
B
Cathode Mark
C
D
•
Outline Similar To JEDEC DO-213AA
•
Thermal Resistence : Junction to ambient Rthja=300K/W
25
50
75
100 125 150 175
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - LS5222

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS52 CITIZEN-LS52 Datasheet
172Kb / 1P
Non-illuminated/Vertical Type
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
Tunable illumination sensitivity by an external resistor
logo
CITIZEN ELECTRONICS CO....
LS52D23 CITIZEN-LS52D23 Datasheet
172Kb / 1P
Non-illuminated/Vertical Type
LS52D23-T CITIZEN-LS52D23-T Datasheet
172Kb / 1P
Non-illuminated/Vertical Type
More results

Similar Description - LS5222

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
500 mW Zener Diodes 2.4 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com