Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9271 Datasheet HTML 36Page - Analog Devices AD9271 Datasheet HTML 37Page - Analog Devices AD9271 Datasheet HTML 38Page - Analog Devices AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices AD9271 Datasheet HTML 43Page - Analog Devices AD9271 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
AD9271
Rev. B | Page 39 of
60
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Notes/
Comments
0D
test_io
User test mode
00 = off (default)
01 = on, single alternate
10 = on, single once
11 = on, alternate once
Reset PN
long gen
1 = on
0 = off
(default)
Reset PN
short
gen
1 = on
0 = off
(default)
Output test mode—see
Table 10
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN sequence long
0110 = PN sequence short
0111 = one-/zero-word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency (format
determined by output_mode)
0x00
When this
register is set,
the test data is
placed on the
output pins in
place of normal
data. (Local,
expect for
PN sequence.)
0F
flex_channel_input
Filter cutoff frequency control
0000 = 1.3 × 1/3 × fSAMPLE
0001 = 1.2 × 1/3 × fSAMPLE
0010 = 1.1 × 1/3 × fSAMPLE
0011 = 1.0 × 1/3 × fSAMPLE
0100 = 0.9 × 1/3 × fSAMPLE
0101 = 0.8 × 1/3 × fSAMPLE
0110 = 0.7 × 1/3 × fSAMPLE
X
X
X
X
0x30
Antialiasing
filter cutoff
(global).
10
flex_offset
X
X
6-bit LNA offset adjustment
011001 = 50 MSPS speed grade
011010 = 40 MSPS speed grade
011111 = 25 MSPS speed grade
0x20
LNA force
offset
correction
(local).
11
flex_gain
X
X
X
X
X
X
LNA gain
00 = 5×
01 = 6×
10 = 8×
0x01
LNA gain
adjustment
(global).
14
output_mode
X
0 = LVDS
ANSI-644
(default)
1 = LVDS
low power,
(IEEE
1596.3
similar)
X
X
X
Output
invert
1 = on
0 = off
(default)
00 = offset binary
(default)
01 = twos
complement
0x00
Configures the
outputs and
the format of
the data.
15
output_adjust
X
X
Output driver
termination
00 = none (default)
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
X
X
X
DCO±
and
FCO±
2× drive
strength
1 = on
0 = off
(default)
0x00
Determines
LVDS or other
output prop
erties. Primarily
functions to set
the LVDS span
and common-
mode levels in
place of an
external
resistor.
16
output_phase
X
X
X
X
0011 = output clock phase adjust
(0000 through 1010)
(Default: 180° relative to data edge)
0000 = 0° relative to data edge
0001 = 60° relative to data edge
0010 = 120° relative to data edge
0011 = 180° relative to data edge
0100 = 240° relative to data edge
0101 = 300° relative to data edge
0110 = 360° relative to data edge
0111 = 420° relative to data edge
1000 = 480° relative to data edge
1001 = 540° relative to data edge
1010 = 600° relative to data edge
1011 to 1111 = 660° relative to data edge
0x03
On devices that
utilize global
clock divide,
determines
which phase of
the divider
output is used
to supply the
output clock.
Internal
latching
is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com