Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9271 Datasheet HTML 9Page - Analog Devices AD9271 Datasheet HTML 10Page - Analog Devices AD9271 Datasheet HTML 11Page - Analog Devices AD9271 Datasheet HTML 12Page - Analog Devices AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
AD9271
Rev. B | Page 12 of
60
Pin No.
Name
Description
18
LOSW-H
LNA Analog Output Complement for Channel H
19
LI-H
LNA Analog Input for Channel H
20
LG-H
LNA Ground for Channel H
23
CLK−
Clock Input Complement
24
CLK+
Clock Input True
27
DOUTH−
ADC H Digital Output Complement
28
DOUTH+
ADC H Digital Output True
29
DOUTG−
ADC G Digital Output Complement
30
DOUTG+
ADC G Digital Output True
31
DOUTF−
ADC F Digital Output Complement
32
DOUTF+
ADC F Digital Output True
33
DOUTE−
ADC E Digital Output Complement
34
DOUTE+
ADC E Digital Output True
35
DCO−
Data Clock Digital Output Complement
36
DCO+
Data Clock Digital Output True
37
FCO−
Frame Clock Digital Output Complement
38
FCO+
Frame Clock Digital Output True
39
DOUTD−
ADC D Digital Output Complement
40
DOUTD+
ADC D Digital Output True
41
DOUTC−
ADC C Digital Output Complement
42
DOUTC+
ADC C Digital Output True
43
DOUTB−
ADC B Digital Output Complement
44
DOUTB+
ADC B Digital Output True
45
DOUTA−
ADC A Digital Output Complement
46
DOUTA+
ADC A Digital Output True
48
STBY
Standby Power-Down
49
PDWN
Full Power-Down
51
SCLK
Serial Clock
52
SDIO
Serial Data Input/Output
53
CSB
Chip Select Bar
56
LG-A
LNA Ground for Channel A
57
LI-A
LNA Analog Input for Channel A
58
LOSW-A
LNA Analog Output Complement for Channel A
59
LO-A
LNA Analog Output for Channel A
62
LG-B
LNA Ground for Channel B
63
LI-B
LNA Analog Input for Channel B
64
LOSW-B
LNA Analog Output Complement for Channel B
65
LO-B
LNA Analog Output for Channel B
68
LG-C
LNA Ground for Channel C
69
LI-C
LNA Analog Input for Channel C
70
LOSW-C
LNA Analog Output Complement for Channel C
71
LO-C
LNA Analog Output for Channel C
74
LG-D
LNA Ground for Channel D
75
LI-D
LNA Analog Input for Channel D
76
LOSW-D
LNA Analog Output Complement for Channel D
77
LO-D
LNA Analog Output for Channel D
78
CWD0−
CW Doppler Output Complement for Channel 0
79
CWD0+
CW Doppler Output True for Channel 0
80
CWD1−
CW Doppler Output Complement for Channel 1
81
CWD1+
CW Doppler Output True for Channel 1
82
CWD2−
CW Doppler Output Complement for Channel 2
83
CWD2+
CW Doppler Output True for Channel 2
85
GAIN−
Gain Control Voltage Input Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com