Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9273 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9273
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9273 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9273 Datasheet HTML 12Page - Analog Devices AD9273 Datasheet HTML 13Page - Analog Devices AD9273 Datasheet HTML 14Page - Analog Devices AD9273 Datasheet HTML 15Page - Analog Devices AD9273 Datasheet HTML 16Page - Analog Devices AD9273 Datasheet HTML 17Page - Analog Devices AD9273 Datasheet HTML 18Page - Analog Devices AD9273 Datasheet HTML 19Page - Analog Devices AD9273 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
AD9273
Rev. B | Page 15 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
fSAMPLE = 40 MSPS, fIN = 5 MHz, RS = 50 Ω, LNA gain = 21.3 dB, LNA bias = mid-high, PGA gain = 24 dB, AAF LPF cutoff = fSAMPLE/3,
HPF = LPF cutoff/20.7 (default), GAIN− = 0.8 V
–2.0
–1.5
–0.5
–1.0
0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1.0
GAIN+ (V)
1.2
1.4
1.6
+85°C
+25°C
–40°C
Figure 6. Gain Error vs. GAIN+ at Three Temperatures
20
18
16
14
12
10
8
6
4
2
0
GAIN ERROR (dB)
Figure 7. Gain Error Histogram, GAIN+ = 0.16 V
0
2
4
6
10
8
12
14
GAIN ERROR (dB)
Figure 8. Gain Error Histogram, GAIN+ = 0.8 V
0
2
4
6
10
8
12
14
GAIN ERROR (dB)
Figure 9. Gain Error Histogram, GAIN+ = 1.44 V
0
5
10
15
20
25
–1.25 –1.00 –0.75 –0.50 –0.25
0
CHANNEL-TO-CHANNEL GAIN MATCHING (dB)
0.25 0.50 0.75 1.00 1.25
Figure 10. Gain Match Histogram, GAIN+ = 0.3 V
5
0
10
15
20
25
–1.25 –1.00 –0.75 –0.50 –0.25
0
CHANNEL-TO-CHANNEL GAIN MATCHING (dB)
0.25 0.50 0.75 1.00 1.25
Figure 11. Gain Match Histogram, GAIN+ = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com