Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9671
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9671 Datasheet HTML 9Page - Analog Devices AD9671 Datasheet HTML 10Page - Analog Devices AD9671 Datasheet HTML 11Page - Analog Devices AD9671 Datasheet HTML 12Page - Analog Devices AD9671 Datasheet HTML 13Page - Analog Devices AD9671 Datasheet HTML 14Page - Analog Devices AD9671 Datasheet HTML 15Page - Analog Devices AD9671 Datasheet HTML 16Page - Analog Devices AD9671 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 12 of 60
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD1 to GND
−0.3 V to +2.0 V
AVDD2 to GND
−0.3 V to +3.9 V
DVDD to GND
−0.3 V to +2.0 V
DRVDD to GND
−0.3 V to +2.0 V
GND to GND
−0.3 V to +0.3 V
AVDD2 to AVDD1
−2.0 V to +3.9 V
AVDD1 to DRVDD
−2.0 V to +2.0 V
AVDD2 to DRVDD
−2.0 V to +3.9 V
SERDOUTx+, SERDOUTx−, SDIO, PDWN,
STBY, SCLK, CSB, ADDRx to GND
−0.3 V to DRVDD + 0.3 V
LI-x, LO-x, LOSW-x, CWI−, CWI+, CWQ−,
CWQ+, GAIN+, GAIN−, RESET+,
RESET−, MLO+, MLO−, GPO0, GPO1,
GPO2, GPO3 to GND
−0.3 V to AVDD2 + 0.3 V
CLK+, CLK−, TX_TRIG+, TX_TRIG−, VREF
to GND
−0.3 V to AVDD1 + 0.3 V
Operating Temperature Range (Ambient)
0°C to 85°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL IMPEDANCE
Table 5.Thermal Impedance
Symbol
Description
Value1
Unit
JA
Junction to ambient thermal
resistance, 0.0 m/sec air flow per
JEDEC JESD51-2 (still air)
22.0
°C/W
JB
Junction to board thermal
characterization parameter, 0 m/sec
air flow per JEDEC JESD51-8 (still air)
9.2
°C/W
JT
Junction to top of package
characterization parameter, 0 m/sec
air flow per JEDEC JESD51-2 (still air)
0.12
°C/W
1 Results are from simulations. Printed circuit board (PCB) is JEDEC multilayer.
Thermal performance for actual applications requires careful inspection of
the conditions in the application to determine if they are similar to those
assumed in these calculations.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com