Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9671
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9671 Datasheet HTML 25Page - Analog Devices AD9671 Datasheet HTML 26Page - Analog Devices AD9671 Datasheet HTML 27Page - Analog Devices AD9671 Datasheet HTML 28Page - Analog Devices AD9671 Datasheet HTML 29Page - Analog Devices AD9671 Datasheet HTML 30Page - Analog Devices AD9671 Datasheet HTML 31Page - Analog Devices AD9671 Datasheet HTML 32Page - Analog Devices AD9671 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 28 of 60
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 41.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD9516-x OR AD9524
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
LVDS DRIVER
3.3V
OUT
VFAC3
CLK–
CLK+
ADC
50Ω*
Figure 41. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
drive CLK+ directly from a CMOS gate, and bypass the CLK−
pin to ground with a 0.1 μF capacitor (see Figure 42).
0.1µF
OPTIONAL
100Ω
0.1µF
0.1µF
CMOS DRIVER
0.1µF
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
AD9516-x OR AD9524
3.3V
OUT
VFAC3
CLK–
CLK+
ADC
50Ω*
Figure 42. Single-Ended 1.8 V CMOS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs can be
sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD9671 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This DCS allows a wide
range of clock input duty cycles without affecting the performance
of the AD9671. When the DCS is on, noise and distortion perform-
ance are nearly flat for a wide range of duty cycles. However,
some applications may require the DCS function to be off. When
the DCS function is off, the dynamic range performance can be
affected.
The duty cycle stabilizer uses a delay-locked loop (DLL) to create
the nonsampling edge. As a result, any changes to the sampling
frequency require approximately eight clock cycles to allow the
DLL to acquire and lock to the new rate.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. Calculate the degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) as follows:
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
(7)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter (see Figure 43).
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9671. Separate power
supplies for clock drivers from the ADC output driver supplies
to avoid modulating the clock signal with digital noise. Low jitter,
crystal controlled oscillators make the best clock sources, such
as the Valpey Fisher VFAC3 series. If the clock is generated from
another type of source (by gating, dividing, or other methods), it is
retimed by the original clock during the last step.
For more information on how jitter performance relates to
ADCs, refer to the AN-501 Application Note and the AN-756
Application Note.
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8BITS
RMS CLOCK JITTER REQUIREMENT
0.25ps
Figure 43. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation and Power-Down Mode
The power dissipated by the AD9671 is proportional to its
sample rate. The digital power dissipation does not vary
significantly because it is determined primarily by the DRVDD
supply and the bias current of the LVDS output drivers. The
AD9671 features scalable LNA bias currents (see Table 33,
Address 0x012). The default LNA bias current settings are
midhigh.
By asserting the PDWN pin high, the AD9671 is placed into
power-down mode. In this state, the device typically dissipates
5 mW. During power-down, the LVDS output drivers are placed
into a high impedance state. The AD9671 returns to normal
operating mode when the PDWN pin is pulled low. This pin is
only 1.8 V tolerant. To drive the PDWN pin from a 3.3 V logic
level, insert a 1 kΩ resistor in series with this pin to limit the
current.
By asserting the STBY pin high, the AD9671 is placed in
standby mode. In this state, the device typically dissipates
725 mW. During standby, the entire device is powered down
except the internal references. The LVDS output drivers are
placed into a high impedance state. This mode is well suited for
applications that require power savings because it allows the
device to be powered down when not in use and then quickly
powers up. The time to power up the device is also greatly
reduced. The AD9671 returns to normal operating mode when
the STBY pin is pulled low. This pin is only 1.8 V tolerant. To



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com