Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5191CSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL5191CSZ
Description  1GHz Current Feedback Amplifier with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL5191CSZ Datasheet HTML 8Page - Intersil Corporation EL5191CSZ Datasheet HTML 9Page - Intersil Corporation EL5191CSZ Datasheet HTML 10Page - Intersil Corporation EL5191CSZ Datasheet HTML 11Page - Intersil Corporation EL5191CSZ Datasheet HTML 12Page - Intersil Corporation EL5191CSZ Datasheet HTML 13Page - Intersil Corporation EL5191CSZ Datasheet HTML 14Page - Intersil Corporation EL5191CSZ Datasheet HTML 15Page - Intersil Corporation EL5191CSZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
909mW
θJA=110°C/W
SO8
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.5
0.45
0.3
0.2
0.15
0.1
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
435mW
θJA=230°C/W
SOT23-5/6
0.4
0.25
0.35
125
625mW
θJA=160°C/W
SO8
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.45
0.4
0.25
0.15
0.1
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
391mW
θ
JA =
25
6°C
/W
SO
T2
3-5
-6
0.35
0.2
0.3
125
EL5191, EL5191A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com