Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5191CSZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL5191CSZ
Description  1GHz Current Feedback Amplifier with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CSZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL5191CSZ Datasheet HTML 9Page - Intersil Corporation EL5191CSZ Datasheet HTML 10Page - Intersil Corporation EL5191CSZ Datasheet HTML 11Page - Intersil Corporation EL5191CSZ Datasheet HTML 12Page - Intersil Corporation EL5191CSZ Datasheet HTML 13Page - Intersil Corporation EL5191CSZ Datasheet HTML 14Page - Intersil Corporation EL5191CSZ Datasheet HTML 15Page - Intersil Corporation EL5191CSZ Datasheet HTML 16Page - Intersil Corporation EL5191CSZ Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Pin Descriptions
8-PIN SO
5-PIN SOT-23 6-PIN SOT-23 PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
2
4
4
IN-
Inverting input
Circuit 1
3
3
3
IN+
Non-inverting input
(See circuit 1)
42
2
VS-
Negative supply
6
1
1
OUT
Output
Circuit 2
75
6
VS+
Positive supply
85
CE
Chip enable
Circuit 3
IN-
IN+
VS+
VS-
VS+
VS-
OUT
VS+
VS-
CE
EL5191, EL5191A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com