Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6704 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF6704
Description  The Xtra Small, High Performance, High Frequency DrMOS Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6704 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF6704 Datasheet HTML 1Page - ON Semiconductor FDMF6704 Datasheet HTML 2Page - ON Semiconductor FDMF6704 Datasheet HTML 3Page - ON Semiconductor FDMF6704 Datasheet HTML 4Page - ON Semiconductor FDMF6704 Datasheet HTML 5Page - ON Semiconductor FDMF6704 Datasheet HTML 6Page - ON Semiconductor FDMF6704 Datasheet HTML 7Page - ON Semiconductor FDMF6704 Datasheet HTML 8Page - ON Semiconductor FDMF6704 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
tm
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDMF6704 Rev. G
August 2009
FDMF6704 - XSTM DrMOS
The Xtra Small, High Performance, High Frequency DrMOS Module
Benefits
Ultra compact size - 6 mm x 6 mm MLP, 44 % space
saving compared to conventional MLP 8 mm x 8 mm
DrMOS packages.
Fully optimized system efficiency.
Clean voltage waveforms with reduced ringing.
High frequency operation.
Compatible with a wide variety of PWM controllers in the
market.
Features
Ultra- compact thermally enhanced 6 mm x 6 mm MLP
package 84 % smaller than conventional discrete solutions.
Synchronous driver plus FET multichip module.
High current handling of 35 A.
Over 93 % peak efficiency.
Tri-State PWM input.
Fairchild's PowerTrench® 5 technology MOSFETs for clean
voltage waveforms and reduced ringing.
Optimized for high switching frequencies of up to 1 MHz.
Skip mode SMOD [low side gate turn off] input.
Fairchild SyncFETTM [integrated Schottky diode] technology
in the low side MOSFET.
Integrated bootstrap Schottky diode.
Adaptive gate drive timing for shoot-through protection.
Driver output disable function [DISB# pin].
Undervoltage lockout (UVLO).
Fairchild Green Packaging and RoHS
compliant. Low profile SMD package.
General Description
The XSTM DrMOS family is Fairchild’s next-generation fully-
optimized, ultra-compact, integrated MOSFET plus driver power
stage solutions for high current, high frequency synchronous
buck DC-DC applications. The FDMF6704 XSTM DrMOS
integrates a driver IC, two power MOSFETs and a bootstrap
Schottky diode into a thermally enhanced, ultra compact 6 mm x
6 mm MLP package. With an integrated approach, the complete
switching power stage is optimized with regards to driver and
MOSFET dynamic performance, system inductance and
RDS(ON). This greatly reduces the package parasitics and layout
challenges associated with conventional discrete solutions.
XSTM
DrMOS
uses
Fairchild's
high
performance
PowerTrenchTM 5 MOSFET technology, which dramatically
reduces ringing in synchronous buck converter applications.
PowerTrenchTM 5 can eliminate the need for a snubber circuit in
buck converter applications. The driver IC incorporates
advanced features such as SMOD for improved light load
efficiency and a Tri-State PWM input for compatibility with a
wide range of PWM controllers. A 5 V gate drive and an
improved PCB interface optimized for a maximum low side FET
exposed pad area, ensure higher performance. This product is
compatible with the new Intel 6 mm x 6 mm DrMOS
specification.
Applications
Compact blade servers V-core, non V-core and VTT DC-DC
converters.
Desktop computers V-core, non V-core and VTT DC-DC
converters.
Workstations V-core, non V-core and VTT DC-DC
converters.
Gaming Motherboards V-core, non V-core and VTT DC-DC
converters.
Gaming consoles.
High-current DC-DC Point of Load (POL) converters.
Networking and telecom microprocessor voltage regulators.
Power Train Application Circuit
Figure 1. Power Train Application Circuit
DISB#
PWM
CGND PGND
VCIN
VIN
BOOT
VSWH
DISB#
PWM Input
CVIN
12 V
CBOOT
COUT
OUTPUT
5 V
CVDRV
VDRV
SMOD#
ON
OFF
PHASE
Ordering Information
Order Number
Marking
Temperature Range
Device Package
Packing Method
Quantity
FDMF6704
FDMF6704_1
-55 °C to 150 °C
40 Pin, 3 DAP, MLP 6x6 mm
Tape and Reel
3000
LOUT
RBOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com