Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6704 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF6704
Description  The Xtra Small, High Performance, High Frequency DrMOS Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6704 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF6704 Datasheet HTML 1Page - ON Semiconductor FDMF6704 Datasheet HTML 2Page - ON Semiconductor FDMF6704 Datasheet HTML 3Page - ON Semiconductor FDMF6704 Datasheet HTML 4Page - ON Semiconductor FDMF6704 Datasheet HTML 5Page - ON Semiconductor FDMF6704 Datasheet HTML 6Page - ON Semiconductor FDMF6704 Datasheet HTML 7Page - ON Semiconductor FDMF6704 Datasheet HTML 8Page - ON Semiconductor FDMF6704 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
www.fairchildsemi.com
FDMF6704 Rev. G
Functional Block Diagram
Pin Configuration
Figure 2. Functional Block Diagram
CGND
PGND
VSWH
VIN
BOOT
VCIN
VDRV
GH
GL
VDRV
PWM
DISB#
Overlap
Control
SMOD#
Q1
Q2
Figure 3. 6mm x 6mm, 40L MLP
CGND
VIN
VSWH
CGND
VIN
VSWH
PWM
DISB#
NC
CGND
GL
VSWH
VSWH
VSWH
VSWH
VSWH
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
Bottom View
Top View
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
PWM
DISB#
NC
CGND
GL
VSWH
VSWH
VSWH
VSWH
VSWH
41
42
43
41
42
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com