Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6705 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDMF6705
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDMF6705 Datasheet HTML 6Page - ON Semiconductor FDMF6705 Datasheet HTML 7Page - ON Semiconductor FDMF6705 Datasheet HTML 8Page - ON Semiconductor FDMF6705 Datasheet HTML 9Page - ON Semiconductor FDMF6705 Datasheet HTML 10Page - ON Semiconductor FDMF6705 Datasheet HTML 11Page - ON Semiconductor FDMF6705 Datasheet HTML 12Page - ON Semiconductor FDMF6705 Datasheet HTML 13Page - ON Semiconductor FDMF6705 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705 • Rev. 1.0.4
9
Typical Performance Characteristics (Continued)
Test Conditions: VIN=12 V, VOUT=1.0 V, VCIN=5 V, VDRV=5 V, LOUT=320 nH, TA=25°C, and natural convection cooling,
unless otherwise specified.
Figure 12. Normalized Power Loss vs. Output
Voltage
Figure 13. Module Power Loss vs. Output
Inductance
Figure 14. Driver Supply Current vs. Frequency
Figure 15. Driver Supply Current vs. Driver
Supply Voltage
Figure 16. Normalized Driver Supply Current vs.
Output Current
Figure 17. PWM Thresholds vs. Driver Supply
Voltage
0.9
1.1
1.3
1.5
1.7
1.9
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage, VOUT (V)
VIN = 12V, IOUT = 30A, fSW = 300kHz
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
225
275
325
375
425
Output Inductance, LOUT (nH)
VIN = 12V, IOUT = 30A, fSW = 300kHz
6
10
14
18
22
26
30
34
200
400
600
800
1000
Module Switching Frequency, fSW (kHz)
VIN = 12V, IOUT = 0A, fSW = 300kHz
9
10
11
12
4.5
4.75
5
5.25
5.5
Driver Supply Voltage, VDRV & VCIN (V)
VIN = 12V, IOUT = 0A, fSW = 300kHz
0.98
1.00
1.02
1.04
1.06
1.08
1.10
0
5
10
15
20
25
30
35
40
Module Output Current, IOUT (A)
300kHz
1MHz
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VDRV & VCIN (V)
TA = 25°C
VIL_PWM
VIH_PWM
VTRI_HI
VTRI_LO
VHIZ_PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com