Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6705 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FDMF6705
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FDMF6705 Datasheet HTML 12Page - ON Semiconductor FDMF6705 Datasheet HTML 13Page - ON Semiconductor FDMF6705 Datasheet HTML 14Page - ON Semiconductor FDMF6705 Datasheet HTML 15Page - ON Semiconductor FDMF6705 Datasheet HTML 16Page - ON Semiconductor FDMF6705 Datasheet HTML 17Page - ON Semiconductor FDMF6705 Datasheet HTML 18Page - ON Semiconductor FDMF6705 Datasheet HTML 19Page - ON Semiconductor FDMF6705 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705 • Rev. 1.0.4
15
Application Information
Supply Capacitor Selection
For the supply inputs (VDRV & VCIN), a local ceramic
bypass capacitor is required to reduce noise and to
supply peak transient currents during gate drive
switching action. It is recommended to use a minimum
capacitor value of 1 µF X7R or X5R. Keep this capacitor
close to the VCIN and VDRV pins and connect it to the
GND plane with vias.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBOOT), as shown in Figure 28. A bootstrap capacitance
of 100 nF X7R or X5R capacitor is typically adequate. A
series bootstrap resistor would be needed for specific
applications to improve switching noise immunity. The
boot resistor (RBOOT) may be required when operating
near the maximum rated VIN and is effective at controlling
the high-side MOSFET turn-on slew rate and VSHW
overshoot. Typical RBOOT values from 0.5 Ω to 3.0 Ω are
effective in reducing VSWH overshoot for the FDMF6705.
VCIN Filter
The VDRV pin provides power to the gate drive of the
high-side and low-side power MOSFETs. In most cases,
VDRV can be connected directly to VCIN, which
supplies power to the logic circuitry of the gate driver.
For additional noise immunity, an RC filter can be
inserted between VDRV and VCIN. Recommended
values of 10 Ω (RVCIN) placed between VDRV and VCIN
and 1 µF (CVCIN) from VCIN to CGND (see Figure 29).
Power Loss and Efficiency
Measurement and Calculation
Refer to Figure 28 for power loss testing method.
Power loss calculations are:
PIN=(VIN x IIN) + (V5V x I5V) (W)
(1)
PSW=VSW x IOUT (W)
(2)
POUT=VOUT x IOUT (W)
(3)
PLOSS_MODULE=PIN - PSW (W)
(4)
PLOSS_BOARD=PIN - POUT (W)
(5)
EFFMODULE=100 x PSW/PIN (%)
(6)
EFFBOARD=100 x POUT/PIN (%)
(7)
Figure 28. Power Loss Measurement Block Diagram
Figure 29. Block Diagram with VCIN Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com