Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6824B Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMF6824B
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6824B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMF6824B Datasheet HTML 9Page - ON Semiconductor FDMF6824B Datasheet HTML 10Page - ON Semiconductor FDMF6824B Datasheet HTML 11Page - ON Semiconductor FDMF6824B Datasheet HTML 12Page - ON Semiconductor FDMF6824B Datasheet HTML 13Page - ON Semiconductor FDMF6824B Datasheet HTML 14Page - ON Semiconductor FDMF6824B Datasheet HTML 15Page - ON Semiconductor FDMF6824B Datasheet HTML 16Page - ON Semiconductor FDMF6824B Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.onsemi.com
13
Adaptive Gate Drive Circuit
The driver
IC advanced design ensures
minimum
MOSFET dead-time, w hile eliminating potential shoot-
through (cross-conduction) currents. It senses the state
of the MOSFETs and adjusts the gate drive adaptively
to ensure they do not conduct simultaneously. Figure 27
provides the relevant timing w aveforms. To prevent
overlap dur ing the LOW-to-HIGH sw itching transition
(Q2 off to Q1 on), the adaptive c ircuitry monitors the
voltage at the GL pin. When the PWM signal goes
HIGH, Q2 begins to turn off after a propagation delay
(tPD_PHGLL). Once the GL pin is discharged below 1.0 V,
Q1 begins to turn on after adaptive delay tD_DEADON.
To preclude overlap during the HIGH-to-LOW transition
(Q1 off to Q2 on), the adaptive c ircuitry monitors the
voltage at the GH-to- PHASE pin pair. When the PWM
signal goes LOW, Q1 begins to turn off after a
propagation delay (tPD_PLGHL). Once the voltage across
GH-to- PHASE falls below 2.2 V, Q2 begins to turn on
after adaptive delay tD_DEADOFF.
Figure 27.
PWM and 3-StateTim ing Diagram
tPD_TSGHH
VSWH
GH
to
VSWH
GL
tPD_PHGLL
tD_HOLD-OFF
90%
Exit
3-state
1.0V
PWM
VIL_PWM
VIH_PWM
VTRI_HI
VIH_PWM
VIH_PWM
10%
tR_GL
tD_HOLD-OFF
Exit
3-state
VIH_PWM
VTRI_HI
VTRI_LO
VIL_PWM
tPD_PLGHL
tPD_TSGHH
DCM
tF_GH
tR_GH
tD_HOLD-OFF
10%
CCM
DCM
Exit
3-state
90%
10%
90%
Enter
3-state
Enter
3-state
tD_DEADOFF
tD_DEADON
Enter
3-state
tF_GL
VIN
VOUT
2.2V
tPD_TSGLH
Notes:
tPD_xxx = propagation delay from external signal (PWM, SMOD#, etc.) to IC generated signal.
Example (tPD_PHGLL – PWMgoing HIGH to LS VGS (GL) going LOW)
tD_xxx = delay from ICgenerated signal to IC generatedsignal. Example (tD_DEADON – LS VGS (GL) LOW to HS VGS (GH) HIGH)
PWM
Exiting 3-state
tPD_PHGLL = PWM rise to LS VGS fall, VIH_PWM to 90% LS VGS
tPD_TSGHH = PWM 3-state to HIGHtoHS VGS rise, VIH_PWM to 10% HS VGS
tPD_PLGHL = PWM fall to HS VGS fall, VIL_PWM to 90% HS VGS
tPD_TSGLH = PWM 3-state to LOW to LS VGS rise,VIL_PWM to 10% LS VGS
tPD_PHGHH = PWM rise to HS VGS rise,VIH_PWM to10% HS VGS (SMOD#held LOW)
SMOD#
Dead Times
tPD_SLGLL = SMOD# fall to LS VGS fall, VIL_SMOD to 90% LS VGS
tD_DEADON = LS VGS fall to HS VGS rise,LS-comptrip value (~1.0V GL) to 10% HS VGS
tPD_SHGLH = SMOD# riseto LS VGS rise, VIH_SMOD to 10% LS VGS
tD_DEADOFF = VSWH fall to LS VGS rise, SW-comp trip value(~2.2V VSWH) to 10% LS VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com