Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1525 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1525
Description  2.5V AND 4.096V VOLTAGE REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1525 Datasheet HTML 2Page - Microchip Technology MCP1525 Datasheet HTML 3Page - Microchip Technology MCP1525 Datasheet HTML 4Page - Microchip Technology MCP1525 Datasheet HTML 5Page - Microchip Technology MCP1525 Datasheet HTML 6Page - Microchip Technology MCP1525 Datasheet HTML 7Page - Microchip Technology MCP1525 Datasheet HTML 8Page - Microchip Technology MCP1525 Datasheet HTML 9Page - Microchip Technology MCP1525 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
! 
'6$SDJH 
  0LFURFKLS 7HFKQRORJ\ ,QF

3,1 )81&7,216

'(7$,/(' '(6&5,37,21
28738792/7$*(
2XWSXW 9ROWDJH LV WKH UHIHUHQFH YROWDJH WKDW LV DYDLODEOH
RQ WKH RXWSXW SLQ 9287 

23(5$7,1* ,1387 92/7$*(
,QSXW YROWDJH LV WKH UDQJH RI YROWDJH WKDW FDQ EH DSSOLHG
WR WKH 9,1 SLQ DQG VWLOO KDYH WKH GHYLFH SURGXFH WKH GHV
LJQDWHGRXWSXW YROWDJH RQ WKH9287 SLQ

28738792/7$*( '5,)7 7&9287
7KH RXWSXW WHPSHUDWXUH FRHIILFLHQW RU YROWDJH GULIW LV D
PHDVXUH RI KRZ PXFK WKH RXWSXW YROWDJH 9287 ZLOO
YDU\ IURP LWV LQLWLDO YDOXH ZLWKFKDQJHVLQ WHPSHUDWXUH
7KH YDOXH VSHFLILHG LQ WKH HOHFWULFDO VSHFLILFDWLRQV LV
PHDVXUHG DQG HTXDO WR
:KHUH
9120 9 IRU WKH 0&3 DQG
9 IRU WKH 0&3

'523287 92/7$*(
7KH GURSRXW YROWDJH RI WKHVH GHYLFHV LV PHDVXUHG E\
UHGXFLQJ 9,1 LQ YROWDJH WR WKH SRLQW ZKHUH WKH RXWSXW
GURSVE\8QGHUWKHVHFRQGLWLRQVWKHGURSRXW YROW
DJH LVHTXDO WR
7KH GURSRXW YROWDJH LV DIIHFWHG E\ WHPSHUDWXUH DQG
ORDG FXUUHQW
,Q )LJXUH  WKH GURSRXW YROWDJH LV VKRZQ RYHU D
QHJDWLYHDQGSRVLWLYHUDQJHRI RXWSXWFXUUHQW )RUFXU
UHQWV DERYH ]HUR PLOOLDPSV WKH GURSRXW YROWDJH LV SRV
LWLYH ,Q WKLV FDVH WKH YROWDJH UHIHUHQFH LV SULPDULO\
SRZHUHG E\ 9,1 :LWK RXWSXW FXUUHQWV EHORZ ]HUR PLOOL
DPSV WKH GURSRXW YROWDJH LV QHJDWLYH $V WKH RXWSXW
FXUUHQW EHFRPHV PRUH QHJDWLYH WKH LQSXW FXUUHQW ,,1
UHGXFHV 8QGHU WKLV FRQGLWLRQ WKH RXWSXW FXUUHQW
EHJLQV WR SURYLGHWKHQHHGHG SRZHU WRWKHYROWDJH UHI
HUHQFH

/,1( 5(*8/$7,21
7KLV LV D PHDVXUH RI WKH FKDQJH LQ RXWSXW YROWDJH
9287 DV D IXQFWLRQ RI D FKDQJH LQ WKH LQSXW YROWDJH
9,1  7KLV LV H[SUHVVHG DV ∆9287∆9,1 DQG LV PHDVXUHG
LQ HLWKHU —99 RU SSP )RU H[DPSOH D  µ9 FKDQJH LQ
9287 FDXVHG E\ D  P9 FKDQJH LQ 9,1 ZRXOG QHW D
∆9287∆9,1 RI  —99 RU  SSP

/2$'5(*8/$7,21 ∆9287∆,287
/RDG UHJXODWLRQ LV DPHDVXUH RI WKHFKDQJH LQ WKHRXW
SXW YROWDJH 9287 DV D IXQFWLRQ RI WKH FKDQJH LQ RXWSXW
FXUUHQW ,287  /RDG UHJXODWLRQ LV XVXDOO\ PHDVXUHG LQ
P9P$

,1387 &855(17
7KH LQSXW RSHUDWLQJ FXUUHQW LV WKH FXUUHQW WKDW VLQNV
IURP 9,1 WR 966 ZLWKRXW D ORDG FXUUHQW RQ WKH RXWSXW SLQ
7KLV FXUUHQW LV DIIHFWHG E\ WHPSHUDWXUHDQG WKHRXWSXW
FXUUHQW

,1387 92/7$*( 5(-(&7,21 5$7,2
7KH LQSXW YROWDJH UHMHFWLRQ UDWLR LV D PHDVXUH RI WKH
FKDQJH LQ RXWSXW YROWDJH YHUVXV WKH FKDQJH LQ LQSXW
YROWDJH RYHU IUHTXHQF\ DV VKRZQ LQ )LJXUH  7KH
FDOFXODWLRQXVHG IRU WKLV VSHFLILFDWLRQ LV

/21*7(50 28738767$%,/,7<
7KH ORQJ WHUP RXWSXW VWDELOLW\ LV PHDVXUHG E\ H[SRVLQJ
WKH GHYLFHV WR D WHPSHUDWXUH RI ƒ& ZKLOH FRQILJXUHG
LQ WKH FLUFXLW VKRZQ LQ )LJXUH  ,Q WKLV WHVW DOO HOHFWUL
FDO VSHFLILFDWLRQV RI WKH GHYLFHV DUH PHDVXUHG SHULRGL
FDOO\ DW ƒ& DV VKRZQ LQ )LJXUH 
),*85(  '\QDPLF /LIH7HVW &RQILJXUDWLRQ
 28738792/7$*( +<67(5(6,6
7KHRXWSXW YROWDJHK\VWHUHVLV LVDPHDVXUHRI WKHRXW
SXW YROWDJH HUURUDIWHU WKH SRZHUHG GHYLFHV DUHF\FOHG
RYHU WKH HQWLUH RSHUDWLQJ WHPSHUDWXUH UDQJH 7KH
DPRXQW RI K\VWHUHVLV FDQ EH TXDQWLILHG E\ PHDVXULQJ
WKH FKDQJH LQ WKH ƒ& RXWSXW YROWDJH DIWHU WHPSHUD
WXUH H[FXUVLRQV IURP ƒ& WR ƒ& WR ƒ& DQG DOVR
IURP ƒ&WR ƒ& WR ƒ&
1DPH
)XQFWLRQ
2XWSXW 3LQ 9287 
5HIHUHQFH 2XWSXW
,QSXW3LQ 9,1 
3RVLWLYH ,QSXW 9ROWDJH
*URXQG 3LQ 966 
1HJDWLYH 6XSSO\ RU
*URXQG&RQQHFWLRQ
7&9287
9287
∆
9120



7
∆
 ^LQ SSPƒ&`
9'523
9,1 9287
±
,QSXW 9ROWDJH 5HMHFWLRQ 5DWLR G%

δ9,1
δ9287



ORJ
966
9287
9,1
&/ —)
9,1 9
5/
“ P$
VTXDUH ZDYH
#  +]
0&3
0&3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com