Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1525 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1525
Description  2.5V AND 4.096V VOLTAGE REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1525 Datasheet HTML 4Page - Microchip Technology MCP1525 Datasheet HTML 5Page - Microchip Technology MCP1525 Datasheet HTML 6Page - Microchip Technology MCP1525 Datasheet HTML 7Page - Microchip Technology MCP1525 Datasheet HTML 8Page - Microchip Technology MCP1525 Datasheet HTML 9Page - Microchip Technology MCP1525 Datasheet HTML 10Page - Microchip Technology MCP1525 Datasheet HTML 11Page - Microchip Technology MCP1525 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
! 
'6$SDJH 
  0LFURFKLS 7HFKQRORJ\ ,QF
),*85(  $GMXVWDEOH 9ROWDJH 5HIHUHQFH
,Q WKLV FLUFXLW WKH 0&3 YROWDJH UHIHUHQFH LV XVHG
WR GULYH WKH UHVLVWRU HOHPHQW RI WKH 0&3 GLJLWDO
SRWHQWLRPHWHU 7KH 0&3 LV D WDS SRWHQWLRP
HWHU  NΩ SURJUDPPHG XVLQJ WKH 63,Œ LQWHUIDFH 7KH
UDQJH RI WKLV DGMXVWDEOH UHIHUHQFH LV IURP JURXQG WR
9 LQ  P9LQFUHPHQWV

1(*$7,9( 92/7$*( 5()(5(1&(
$ QHJDWLYH SUHFLVLRQ YROWDJH UHIHUHQFH FDQ EH JHQHU
DWHG E\ XVLQJ WKH 0&3 RU 0&3 LQ WKH FRQILJ
XUDWLRQ VKRZQ LQ )LJXUH 
),*85(  1HJDWLYH 9ROWDJH 5HIHUHQFH
,Q WKLV FLUFXLW WKH YROWDJH GLYLGHU FRQILJXUDWLRQ LV LPSOH
PHQWHG XVLQJ WKH 0&3 DQG WZR HTXDO UHVLVWRUV
7KHYROWDJHDW WKH RXWSXWRI WKH 0&3YROWDJHUHI
HUHQFH GULYHV 5 ZKLFK LV FRQQHFWHG WR WKH LQYHUWLQJ
LQSXW RIWKH0&3DPSOLILHU6LQFHWKHQRQLQYHUWLQJ
LQSXW RI WKH DPSOLILHU LV ELDVHG WR JURXQG WKH LQYHUWLQJ
LQSXW ZLOO DOVR EH DSSUR[LPDWHO\ DW JURXQG SRWHQWLDO
7KH VHFRQG  NΩ UHVLVWRU LV SODFHG DURXQG WKH IHHG
EDFN ORRS RI WKH DPSOLILHU 6LQFH WKH LQYHUWLQJ LQSXW RI
WKHDPSOLILHULV KLJKLPSHGDQFHWKHFXUUHQWJHQHUDWHG
WKURXJK 5 ZLOO DOVR IORZ WKURXJK 5 $V D FRQVH
TXHQFH WKH RXWSXW YROWDJH RI WKH DPSOLILHU LV HTXDO WR
9

$72'&219(57(5 5()(5(1&(
7KH0&3DQG 0&3ZHUH FDUHIXOO\ GHVLJQHG
WR SURYLGH D YROWDJH UHIHUHQFH IRU 0LFURFKLS¶V ELW
DQG ELW IDPLO\ RI $' FRQYHUWHUV
),*85(  $'&RQYHUWHU 5HIHUHQFH&LUFXLW
7KH FLUFXLW VKRZQ LQ )LJXUH  VKRZV D 0&3 FRQ
ILJXUHG WR SURYLGH WKH UHIHUHQFH WR WKH 0&3 D 
ELW $' &RQYHUWHU 8VH 0LFURFKLS¶V )LOWHU /DEŒ VRIW
ZDUH WR GHVLJQ WKH 6DOOHQ .H\ ILOWHU )RU DGGLWLRQDO LQIRU
PDWLRQ UHIHU WR $1 ³$QWL$OLDVLQJ $QDORJ )LOWHUV
IRU 'DWD $FTXLVLWLRQ 6\VWHPV´ '6
9,1
966
9287
9,1
9,1
&/
$GMXVWDEOH
5HIHUHQFH
0&3
0&3
%
$
:
2XWSXW
9,1
&/.
6',
&6
0&3
—)
±
966
9287
9,1
9683
9
&/
0&3
2XWSXW 9
9683 9
5
5
NΩ NΩ
0&3
—)
± 

0&3
9''
 —)
,1
,1

9,1
&
&
95()
9
5HIHUHQFH
 —)
 —)
0&3
5
5
5
5
 —)
QG 2UGHU 6DOOHQ .H\
/RZ3DVV )LOWHU
0&3
63,Œ LV D WUDGHPDUN RI 0RWRUROD ,QF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com