Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL100A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATPL100A
Description  FSK Power Line Communications SoC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL100A Datasheet(HTML) 1 Page - ATMEL Corporation

  ATPL100A Datasheet HTML 1Page - ATMEL Corporation ATPL100A Datasheet HTML 2Page - ATMEL Corporation ATPL100A Datasheet HTML 3Page - ATMEL Corporation ATPL100A Datasheet HTML 4Page - ATMEL Corporation ATPL100A Datasheet HTML 5Page - ATMEL Corporation ATPL100A Datasheet HTML 6Page - ATMEL Corporation ATPL100A Datasheet HTML 7Page - ATMEL Corporation ATPL100A Datasheet HTML 8Page - ATMEL Corporation ATPL100A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Atmel ATPL100A
FSK Power Line Communications SoC
SUMMARY DATASHEET
Features
• Core
• ADD8051C3A enhanced 8051 core
• Speedups up to x5 vs. standard 8051 microcontroller
• 128Kbytes internal SRAM
• In-circuit serial flash programming
• Auto boot-loading program from serial flash
• Media Access Control
• Convolutional and block (FEC) channel coding, Viterbi decoding
• Hardware CRC error detection and FEC error correction
• By-pass mode to support earlier no-MAC FSK modem software
• Modem
• Power Line Carrier Modem for 50 and 60 Hz mains
• 8 Programmable Carrier Frequencies from 60 to 132.5KHz
• Baud rate Selectable: 600 to 4800 bps
• Half Duplex communication
• Receiver Sensitivity: Up to 44dBμVrms
• Peripherals
• Three 2-wire UARTs
• Two SPI. SPI to serial flash and External RTC. Buffered SPI to external metering
IC
• Programmable Watchdog
• Quad dimmer in/out
• 24x8/28x4 segments LCD driver
• Up to 20 I/O lines
• Package
• 144-lead LQFP, 16 x 16 mm, pitch 0.4 mm
• Pb-free and RoHS compliant
• Typical Applications
• Automated Meter Reading (AMR) & Advanced Meter Management (AMM)
• Street lighting
• Home Automation
43002A-ATPL-03/12


Similar Part No. - ATPL100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATPL-110 ETC-ATPL-110 Datasheet
29Kb / 1P
RF TRANSFORMER
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL230A ATMEL-ATPL230A Datasheet
1Mb / 122P
ATPL Series Power Line Communications Device
logo
Cirrus Logic
ATPL230A-EK APEX-ATPL230A-EK Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
ATMEL Corporation
ATPL250A ATMEL-ATPL250A Datasheet
1Mb / 28P
ATPL Series Power Line Communications Device
More results

Similar Description - ATPL100A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538 STMICROELECTRONICS-ST7538 Datasheet
264Kb / 30P
POWER LINE FSK TRANSCEIVER
24-Nov-2005
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
logo
Texas Instruments
TMS320TCI6616 TI-TMS320TCI6616 Datasheet
2Mb / 199P
Communications Infrastructure KeyStone SoC
TMS320TCI6614 TI1-TMS320TCI6614 Datasheet
1Mb / 188P
Communications Infrastructure KeyStone SoC
TMS320TCI6612 TI1-TMS320TCI6612 Datasheet
2Mb / 250P
Communications Infrastructure KeyStone SoC
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
Power Line Communications
Rev. PrA
logo
Texas Instruments
TMS320TCI6618 TI1-TMS320TCI6618 Datasheet
2Mb / 223P
Communications Infrastructure KeyStone SoC
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
ST7538Q power line FSK transceiver
30-Apr-2008
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com