Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201S Datasheet(PDF) 4 Page - Analog Devices

Part # ADG201S
Description  High Speed Quad SPST CMOS Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201S Datasheet(HTML) 4 Page - Analog Devices

  ADG201S Datasheet HTML 1Page - Analog Devices ADG201S Datasheet HTML 2Page - Analog Devices ADG201S Datasheet HTML 3Page - Analog Devices ADG201S Datasheet HTML 4Page - Analog Devices ADG201S Datasheet HTML 5Page - Analog Devices ADG201S Datasheet HTML 6Page - Analog Devices ADG201S Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
:
TABLE I NOTES:
1/ V+ = +15V, V- = -15V, unless otherwise specified
2/ The limiting terms "min" (minimum) and "max" (maximum) shall be considered to apply to magnitudes only. Negative current shall be defined as
conventional current flow out of a device terminal.
3/ These parameters may not be tested, but shall be guaranteed to the limits specified in table I herein.
4/ Test not required if applied as a forcing function.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com