Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201S Datasheet(PDF) 3 Page - Analog Devices

Part # ADG201S
Description  High Speed Quad SPST CMOS Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201S Datasheet(HTML) 3 Page - Analog Devices

  ADG201S Datasheet HTML 1Page - Analog Devices ADG201S Datasheet HTML 2Page - Analog Devices ADG201S Datasheet HTML 3Page - Analog Devices ADG201S Datasheet HTML 4Page - Analog Devices ADG201S Datasheet HTML 5Page - Analog Devices ADG201S Datasheet HTML 6Page - Analog Devices ADG201S Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings
. 1/ (TA = 25°C, unless otherwise noted)
VDD to VSS .................................................................................................................................44V
VDD to GND.....................................................................................................................-0.3V, 25V
VSS to GND 2/...............................................................................................................+0.3V, -25V
Analog Inputs 3/
Voltage at S, D ....................................................................................VSS -2V to VDD +2V
or 20mA, whichever comes first
Current at S, D ..........................................................................................................20mA
Continuous Current, S or D .......................................................................................20mA
Pulsed Current, S or D (1mS Duration, 10% duty cycle) ..........................................70mA
Digital Inputs 3/
Voltage at IN, WR................................................................................VSS - 4V to VDD +4V
or 20mA, whichever comes first
Current at IN ..............................................................................................................20mA
Power dissipation.................................................................................................................470mW
Storage Temperature Range................................................................................. -65°C to +150°C
Lead Temperature (Soldering, 10 sec.) ...............................................................................+300°C
Junction Temperature (TJ)……………………………………………………….………………. +175°C
Notes:
1/ Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
2/ If VSS is open circuited with VDD and GND applied, the VSS pin will be pulled positive, exceeding the Absolute Maximum Ratings. If this possibility exists, a
Schottky diode from VSS to GND (cathode end to GND) ensures that the Absolute Maximum Ratings will be observed.
3/ Overvoltage at IN, S, or D will be clamped by diodes. Current should be limited to 20mA (see above).
:
Thermal Resistance, cerdip (Q) Package
Junction-to-Case (
JC) = 35°C/W Max
Junction-to-Ambient (
JA) = 120°C/W Max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com