Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 5 Page - Analog Devices

Part # MAT02
Description  Low-noise, matched dual monolithic transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 5 Page - Analog Devices

  MAT02 Datasheet HTML 1Page - Analog Devices MAT02 Datasheet HTML 2Page - Analog Devices MAT02 Datasheet HTML 3Page - Analog Devices MAT02 Datasheet HTML 4Page - Analog Devices MAT02 Datasheet HTML 5Page - Analog Devices MAT02 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAT02
4.1
Electrical Test Requirements:
Table II
Test Requirements
Subgroups (in accordance
with MIL-PRF-38535,
Table III)
Interim Electrical Parameters
1
Final Electrical Parameters
1, 2, 3 1/ 2/
Group A Test Requirements
1, 2, 3, 7
Group C end-point electrical parameters
1 2/
Group D end-point electrical parameters
1
Group E end-point electrical parameters
1
1/ PDA applies to Subgroup 1. Delta's excluded from PDA.
2/ See Table III for delta parameters. See table I for conditions.
4.2
Table III. Burn-in test delta limits.
Table III
TEST
BURN-IN
LIFE TEST
DELTA
TITLE
ENDPOINT
ENDPOINT
LIMIT
UNITS
hFE @ 1mA
500
420
±80
hFE @ 100A
500
410
±90
hFE @ 10A
400
300
±100
hFE @ 1A
300
180
±120
IOS
0.6
1.1
±0.5
nA
5.0
Life Test/Burn-In Circuit:
5.1
HTRB is not applicable for this drawing.
5.2
Burn-in is per MIL-STD-883 Method 1015 test condition B.
5.3
Steady state life test is per MIL-STD-883 Method 1005.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com