Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 1 Page - Analog Devices

Part # MAT02
Description  Low-noise, matched dual monolithic transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 1 Page - Analog Devices

  MAT02 Datasheet HTML 1Page - Analog Devices MAT02 Datasheet HTML 2Page - Analog Devices MAT02 Datasheet HTML 3Page - Analog Devices MAT02 Datasheet HTML 4Page - Analog Devices MAT02 Datasheet HTML 5Page - Analog Devices MAT02 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low-noise, matched dual
monolithic transistor
MAT02
1.0
SCOPE
This specification documents the detail requirements for space qualified product manufactured on
Analog Devices, Inc.'s QML certified line per MIL-PRF-38535 Level V except as modified herein.
The manufacturing flow described in the STANDARD SPACE LEVEL PRODUCTS PROGRAM
brochure is to be considered a part of this specification http://www.analog.com/aerospace
This data sheet specifically details the space grade version of this product. A more detailed
operational description and a complete datasheet for commercial product grades can be found at
www.analog.com/MAT02
2.0
Part Number. The complete part number(s) of this specification follow:
Part Number
Description
MAT02-903H
Low-noise, matched dual monolithic transistor
2.1
Case Outline.
Letter
Descriptive designator Case Outline (Lead Finish per MIL-PRF-38535)
H
MACY1-X6
6-Lead can package (TO)
Figure 1 - Terminal connections.
3.0
Absolute Maximum Ratings. (TA = 25°C, unless otherwise noted)
Collector to base voltage (BVCBO) ..................................................................................40V
Collector to emitter voltage (BVCEO)..............................................................................40V
Collector to collector voltage (BVCC) .............................................................................40V
Emitter to emitter voltage (BVEE)...................................................................................40V
Collector current (IC)....................................................................................................20mA
Emitter current (IE).......................................................................................................20mA
Total power dissipation 1/........................................................................................500mW
Operating ambient temperature range.............................................................-55 to +125°C
Storage temperature range ......................................................................... -65°C to +150°C
Lead temperature (soldering, 60 sec)........................................................................ +300°C
Dice junction temperature......................................................................................... +150°C
1/ Rating applies to applications not using heat sinking, device is free air only.


Similar Part No. - MAT02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT02AH AD-MAT02AH Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT02EH AD-MAT02EH Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT02FH AD-MAT02FH Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT02S_DIE AD-MAT02S_DIE Datasheet
621Kb / 6P
This specification documents the detailed requirements
Rev. H
More results

Similar Description - MAT02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com