Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3776 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3776
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3776 Datasheet HTML 4Page - Diodes Incorporated AP3776 Datasheet HTML 5Page - Diodes Incorporated AP3776 Datasheet HTML 6Page - Diodes Incorporated AP3776 Datasheet HTML 7Page - Diodes Incorporated AP3776 Datasheet HTML 8Page - Diodes Incorporated AP3776 Datasheet HTML 9Page - Diodes Incorporated AP3776 Datasheet HTML 10Page - Diodes Incorporated AP3776 Datasheet HTML 11Page - Diodes Incorporated AP3776 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AP3776
Document number: DS36707 Rev. 4 - 2
8 of 17
www.diodes.com
February 2015
© Diodes Incorporated
AP3776
A Product Line of
Diodes Incorporated
Function Description
Operation Description
1.
Start-up Circuit
OUT
VCC
R13
R15
R9
Q1
D8
C3
EM
VDD
I S
VBULK
I SOURCE
OUT
OUT
VCC
R13
R15
R9
Q1
D8
C3
EM
I S
VBULK
OUT
(a)
(b)
Figure 1. The AP3776 Start-up Circuit
Figure1 (a) shows the Startup Phase
•
Before VCC reaches VTH(ST), VDD is zero and EM to IS pin is open.
•
C3 is charged by ISOURCE.
•
The resistance of R13 and R15 should be big enough to reduce the power dissipation.
Figure1 (b) shows the Normal Operation Phase
•
When VCC reaches VTH(ST), VDD is high and EM to IS pin is short.
•
The voltage of EM pin is lower than 1V so that the four diodes in chip are open.
•
C3 is supplied by Aux. winding of transformer.
2.
Operation Mode
The typical application circuit of AP3776 is a conventional Flyback converter with a 3-winding transformer---primary winding (NP), secondary
winding (NS) and auxiliary winding (NAUX), as shown in typical application of AP3776 with AP4341. The auxiliary winding is used for providing
VCC supply voltage for IC and sensing the output voltage feedback signal to FB pin.
Figure 2 shows the typical waveforms which demonstrate the basic operating principle of AP3776 application. And the parameters are defined
as following.
•
IP---The primary side current
•
IS ---The secondary side current
•
IPK---Peak value of primary side current
•
IPKS---Peak value of secondary side current
•
VSEC---The transient voltage at secondary winding
•
VS---The stable voltage at secondary winding when rectification diode is in conducting status, which equals the sum of output voltage
VOUT and the forward voltage drop of diode
•
VAUX---The transient voltage at auxiliary winding
•
VA--- The stable voltage at auxiliary winding when rectification diode is in conducting status, which equals the sum of voltage VCC and
the forward voltage drop of auxiliary diode
•
tSW ---The period of switching frequency
•
tONP ---The conduction time when primary side switch is “ON”
•
tONS ---The conduction time when secondary side diode is “ON”
•
tOFF ---The dead time when neither primary side switch nor secondary side diode is “ON”
•
tOFFS --- The time when secondary side diode is “OFF”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com