Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3776 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3776
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3776 Datasheet HTML 1Page - Diodes Incorporated AP3776 Datasheet HTML 2Page - Diodes Incorporated AP3776 Datasheet HTML 3Page - Diodes Incorporated AP3776 Datasheet HTML 4Page - Diodes Incorporated AP3776 Datasheet HTML 5Page - Diodes Incorporated AP3776 Datasheet HTML 6Page - Diodes Incorporated AP3776 Datasheet HTML 7Page - Diodes Incorporated AP3776 Datasheet HTML 8Page - Diodes Incorporated AP3776 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP3776
Document number: DS36707 Rev. 4 - 2
2 of 17
www.diodes.com
February 2015
© Diodes Incorporated
AP3776
A Product Line of
Diodes Incorporated
Typical Applications Circuit
TR1
D1
VO
+
C21
+
C22
OUT
GND
VCC
IC2
AP4341
R24
R26
+
C11
FR1
+
C12
L 1
FB
R4
OUT
VCC
R5
R2
VCS
IC1
CPC
GND
C9
R13
R15
R9
Q1
D2,D4,
D5,D6
L2
R8
C4
D7
R7
D8
C3
EM
IS
R12
R3
R10
D3
R1
NTC
AP3776
R6
Typical Application of AP3776 with AP4341 (VOUT=5V/1A or 2A)
+
C11
FR1
+
C12
L 1
T1
+
FB
R4
OUT
VCC
R5
R2
VCS
IC1
CPC
GND
C9
R13
R15
R9
Q1
C20
D2,D4,
D5,D6
L2
R8
C4
D7
R7
D8
C3
EM
IS
C24
R23
R12
R3
+
R10
D3
CY1
IC2
R20
C21
R1
C23
Q2
NTC
R21
R22
AP3776
APR343
R6
C22
Typical Application of AP3776 with APR343 (VOUT=5V/2A or 2.4A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com