Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3984 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3984 Datasheet HTML 1Page - Diodes Incorporated AP3984 Datasheet HTML 2Page - Diodes Incorporated AP3984 Datasheet HTML 3Page - Diodes Incorporated AP3984 Datasheet HTML 4Page - Diodes Incorporated AP3984 Datasheet HTML 5Page - Diodes Incorporated AP3984 Datasheet HTML 6Page - Diodes Incorporated AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
4 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 28.5
V
VCS, VCBC
Voltage on CS, CBC Pin
-0.3 to 7.4
V
VFB
FB Input Voltage
-0.7 to 7.4
V
VCBO
Collector-Emitter Voltage
700
V
ICDC
Collector DC Current
1.5
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+260
°C
–
ESD (Machine Model)
200
V
–
ESD (Human Body Model)
2000
V
PD
Total Power Dissipation
0.75
W
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–
25
V
TOP
Operating Temperature Range
-40
+105
°C
fS(MAX)
Maximum Operating Frequency
–
60
kHz
Thermal Impedance (Note 5)
Symbol
Parameter
Value
Unit
JA
Junction to Ambient
95
°C/W
JC
Junction to Case
50
°C/W
Note 5: When mounted on a standard single-sided FR-4 board with 300mm
2 Cu (at least 35µm thick) connected to all collectors and CS pins.
Electrical Characteristics (@VCC=15V, TJ=+25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Turn-on Voltage
–
11
13
15
V
VOPR(MIN)
Turn-off Voltage
–
4.1
4.6
5.1
V
LVCC
Minimum VCC
At no load and hold mode
5.5
6
6.5
V
STANDBY CURRENT SECTION
IST
Turn-on Current
VCC=VTH_ST-1V before
startup
0.01
0.2
0.6
μA
ICC_OPR
Operating Current
Static current
450
500
650
ICC_NL
Standby Current
At no load
5
17.5
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com