Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3984 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3984 Datasheet HTML 1Page - Diodes Incorporated AP3984 Datasheet HTML 2Page - Diodes Incorporated AP3984 Datasheet HTML 3Page - Diodes Incorporated AP3984 Datasheet HTML 4Page - Diodes Incorporated AP3984 Datasheet HTML 5Page - Diodes Incorporated AP3984 Datasheet HTML 6Page - Diodes Incorporated AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
3 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Pin Descriptions
Pin Number
Pin Name
Function
1
FB
The voltage feedback from auxiliary winding
2
CBC
This pin connects a resistor to GND for output cable compensation
3
VCC
This pin receives rectified voltage from the auxiliary winding of the transformer
4
CS
Current sense for primary side of transformer
5, 6
C
This pin is connected with an internal power BJT
’s collector
7
GND
This pin is the signal reference ground
Functional Block Diagram
Regulator
&
Bias
&
Latch
PFM
tONS
UVLO
UVLO
CV_CTRL
PFM
Valley
ON
R
Q
S
R
Q
S
CC_ CTRL
FB
CBC
VCC
Cable
Compensation
Constant Voltage
Control
Constant Current
Control
tONS
Detector
0.1V
3
2
1
VCS_REF
COMP
EA
Peak Current
Control & LEB
tONS
Dynamic
Response
Pro
Dyn
CC_CTRL
DAC
Shutdown
Line
Compensation
CS
No Load
Detection
tDELAY
tDELAY
NL
Dmin
NL
VCS
Auto-recovery
LVCC
VCS
DAC
VLOAD
VLOAD
VREF
VCABLE
COMP
VCS(MAX)
VDD
Dyn
tDELAY
Enable
0.1V
tONP
RCS Short Protection
Driver
VLINE
OTP
Hold
RCS Short Protection
SCP
RCS Short Protection
VCC OVP
Transformer Saturation
Protection
FB_OVP/OCkP
Pro
Transformer Saturation
Protection
Transformer Saturation
Protection
GND
7
4
5,6
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com