Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB24S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB24S
Description  2 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB24S Datasheet(HTML) 1 Page - Micro Commercial Components

  MB24S Datasheet HTML 1Page - Micro Commercial Components MB24S Datasheet HTML 2Page - Micro Commercial Components MB24S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB22S
THRU
MB
210S
2 Amp Surface Mount
Rectifier
20 to 100 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB22S
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
20mA
TA = 25
TA = 100
Typical Thermal
Resistance
RthJA
RthJL
85
/W
20
/W
per leg
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55 to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
MBS -1










.252
.276
6.40
7.00


6

2.70

.019
.031
0.50
0.80

.090
.106
2.30
2.70

.002
.008
0.05
0.20
.027
.043
0.70
1.10

.058
.062
1.47
1.57

.195
.205
4.95
5.21
B
C
D
A
F
G
H
E
+
-
∼∼∼∼
∼∼∼∼
K
J
M
N
C
.142
.165
3.60
4.20
D
.179
.195
4.55
4.95
Revision:
E
2015/01/13
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
0.280
(7.10)
0.105 (2.67)
0.095 (2.41)
0.055
(1.40)
0.031
(0.80)
Mounting Pad Layout
•
High Temperature Soldering Guaranteed:260 C/10 Second
•
Saves Space On Printed Circuit Board
www.mccsemi.com
1 of 3
0.5mA
O
C
O
C
O
C
O
C
M
.039
.049
0.99
1.24
N
.006
.016
0.15
0.41
TM
Micro Commercial Components
~
~
-
+
Case Style
o
MB22S
20V
14V
20V
MB24S
MB24S
40V
28V
40V
MB26S
MB26S
60V
42V
60V
MB28S
MB28S
80V
56V
80V
MB210S
MB210S
100V
100V
70V
2A
MB22S~MB24S
VF
MB26S
MB28S~MB210S
0.70V
IFM = 2A;
TA = 25
OC
0.50V
0.85V
OC
Schottky Bridge
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
•
Teminals: Plated leads Solderable per MIL-STD-750,Method 2026
•
Moisture Sensitiviy:Level 1 per J-STD-020C


Similar Part No. - MB24S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MB24S CHENDA-MB24S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB24S YFWDIODE-MB24S Datasheet
433Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Bruckewell Technology L...
MB24S BWTECH-MB24S Datasheet
346Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Microdiode Semiconducto...
MB24S CHENDA-MB24S Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB24S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK22 MCC-SK22 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
logo
Daya Electric Group Co....
SS22 DAYA-SS22 Datasheet
387Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MB12S MCC-MB12S Datasheet
400Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
SK22 MCC-SK22_11 Datasheet
275Kb / 4P
2 Amp Schottky Rectifier 20 to 100 Volts
SS22 MCC-SS22_11 Datasheet
215Kb / 4P
2 Amp Schottky Rectifier 20 to 100 Volts
MB12S-MB110S MCC-MB12S-MB110S Datasheet
258Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
SK26-TP MCC-SK26-TP Datasheet
284Kb / 4P
2 Amp Schottky Rectifier 20 to 100 Volts
MB12S MCC-MB12S_13 Datasheet
292Kb / 3P
1 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
logo
Shanghai Leiditech Elec...
SK22 LEIDITECH-SK22 Datasheet
618Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
SK22B LEIDITECH-SK22B Datasheet
613Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com