Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet(PDF) 12 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices AD830 Datasheet HTML 10Page - Analog Devices AD830 Datasheet HTML 11Page - Analog Devices AD830 Datasheet HTML 12Page - Analog Devices AD830 Datasheet HTML 13Page - Analog Devices AD830 Datasheet HTML 14Page - Analog Devices AD830 Datasheet HTML 15Page - Analog Devices AD830 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD830
Data Sheet
Rev. D | Page 12 of 20
VX1
VOUT
IY
IX
CC
A = 1
GM
AOLS=
GMRP
VX2
GM
VY1
VY2
RP
IZ
IX = (VX1 – VX2) GM
IY = (VY1 – VY2) GM
IZ = IX + IY
1 + S (CCRP)
Figure 26. Topology Diagram
VX1
VOUT
IY
IX
CC
A = 1
GM
1
VX2
GM
VY1
VY2
VX1 – VX2 = VY2 – VY1
FOR VY2 = VOUT
VOUT = (VX1 – VX2 + VY1) 1 + S(C
C/GM)
Figure 27. Closed-Loop Connection
Precise amplification is accomplished through closed-loop
operation of this topology. Voltage feedback is implemented via
the Y GM stage where the output is connected to the −Y input
for negative feedback, as shown in Figure 27. An input signal is
applied across the X GM stage, either fully differential or single-
ended referred to common. It produces a current signal that is
summed at the high impedance node with the output current
from the Y GM stage. Negative feedback nulls this sum to a small
error current necessary to develop the output voltage at the high
impedance node. The error current is usually negligible, so the
null condition essentially forces the Y GM output stage current
to equal the exact X GM output current. Because the two
transconductances are identical, the differential voltage across
the Y inputs equals the negative of the differential voltage across
the X input; VY = −VX or, more precisely, VY2 − VY1 = VX1 − VX2.
This simple relation provides the basis to easily analyze any
function possible to synthesize with the AD830, including any
feedback situation.
The bandwidth of the circuit is defined by the GM and the
capacitor, CC. The highly linear GM stages give the amplifier a
single-pole response, excluding the output amplifier and
loading effects. It is important to note that the bandwidth and
general dynamic behavior is symmetrical (identical) for the
noninverting and the inverting connections of the AD830. In
addition, the input impedance and CMRR are the same for
either connection. This is very advantageous and unlike in a
voltage or current feedback amplifier where there is a distinct
difference in performance between the inverting and
noninverting gain. The practical importance of this cannot be
overemphasized and is a key feature offered by the AD830
amplifier topology.
INTERFACING THE INPUT
Common-Mode Voltage Range
The common-mode range of the AD830 is defined by the
amplitude of the differential input signal and the supply voltage.
The general definition of common-mode voltage, VCM, is
usually applied to a symmetrical differential signal centered
around a particular voltage, as illustrated in Figure 28. This is
the meaning implied here for common-mode voltage. The
internal circuitry establishes the maximum allowable voltage on
the input or feedback pins for a given supply voltage. This
constraint and the differential input voltage sets the common-
mode voltage limit. Figure 29 shows a curve of the common-
mode voltage range versus the differential voltage for three
supply voltage settings.
VMAX
VCM
VPEAK
Figure 28. Common-Mode Definition
DIFFERENTIAL INPUTVOLTAGE (VPEAK)
15
0
0
2.0
0.4
0.8
1.2
1.6
6
3
12
9
±5V = VS
±15V = VS
–VCM
–VCM
+VCM
+VCM
+VCM
±10V = VS
–VCM
Figure 29. Input Common-Mode Voltage Range vs. Differential Input Voltage
Differential Voltage Range
The maximum applied differential voltage is limited by the
clipping range of the input stages. This is nominally set at a
2.4 V magnitude and depicted in the cross plot (X-Y) in Figure 30.
The useful linear range of the input stages is set at 2 V but is
actually a function of the distortion required for a particular
application. The distortion increases for larger differential input
voltages. A plot of relative distortion versus the input differential
voltage is shown in Figure 13 and Figure 16. The distortion
characteristics impose a secondary limit to the differential input
voltage for high accuracy applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com