Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet(PDF) 1 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 1 Page - Analog Devices

  AD830 Datasheet HTML 1Page - Analog Devices AD830 Datasheet HTML 2Page - Analog Devices AD830 Datasheet HTML 3Page - Analog Devices AD830 Datasheet HTML 4Page - Analog Devices AD830 Datasheet HTML 5Page - Analog Devices AD830 Datasheet HTML 6Page - Analog Devices AD830 Datasheet HTML 7Page - Analog Devices AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Speed, Video
Difference Amplifier
Data Sheet
AD830
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Differential amplification
Wide common-mode voltage range: +12.8 V to −12 V
Differential voltage: ±2 V
High CMRR: 60 dB at 4 MHz
Built-in differential clipping level: ±2.3 V
Fast dynamic performance
85 MHz unity gain bandwidth
35 ns settling time to 0.1%
360 V/μs slew rate
Symmetrical dynamic response
Excellent video specifications
Differential gain error: 0.06%
Differential phase error: 0.08°
15 MHz (0.1 dB) bandwidth
Flexible operation
High output drive of ±50 mA min
Specified with both ±5 V and ±15 V supplies
Low distortion: THD = −72 dB @ 4 MHz
Excellent DC performance: 3 mV max input
Offset voltage
APPLICATIONS
Differential line receiver
High speed level shifter
High speed in-amp
Differential to single-ended conversion
Resistorless summation and subtraction
High speed analog-to-digital converter
CONNECTION DIAGRAM
AD830
1
2
3
4
8
7
6
5
C
GM
GM
X1
X2
Y1
Y2
VP
OUT
NC
VN
NC = NO CONNECT
A = 1
Figure 1. 8-Lead Plastic PDIP (N), CERDIP (Q), and SOIC (RN) Packages
FREQUENCY (Hz)
110
30
10M
50
40
1k
70
60
80
90
100
1M
100k
10k
VS = ±5V
VS = ±15V
Figure 2. Common-Mode Rejection Ratio vs. Frequency
Good gain flatness and excellent differential gain of 0.06% and
phase of 0.08° make the AD830 suitable for many video system
applications. Furthermore, the AD830 is suited for general-purpose
signal processing from dc to 10 MHz.
GENERAL DESCRIPTION
The AD830 is a wideband, differencing amplifier designed for use
at video frequencies but also useful in many other applications. It
accurately amplifies a fully differential signal at the input and
produces an output voltage referred to a user-chosen level. The
undesired common-mode signal is rejected, even at high
frequencies. High impedance inputs ease interfacing to finite
source impedances and, thus, preserve the excellent common-
mode rejection. In many respects, it offers significant
improvements over discrete difference amplifier approaches, in
particular in high frequency common-mode rejection.
The wide common-mode and differential voltage range of the
AD830 make it particularly useful and flexible in level shifting
applications but at lower power dissipation than discrete solutions.
Low distortion is preserved over the many possible differential and
common-mode voltages at the input and output.
9
–6
–21
10k
100k
1M
10M
100M
1G
–3
0
3
6
–18
–15
–12
–9
FREQUENCY (Hz)
VS = ±5V
RL = 150Ω
CL = 33pF
CL = 4.7pF
CL = 15pF
Figure 3. Closed-Loop Gain vs. Frequency, Gain = +1


Similar Part No. - AD830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
High Speed, Video Difference Amplifier
REV.A
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8300AN AD-AD8300AN Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8300AR AD-AD8300AR Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results

Similar Description - AD830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
High Speed, Video Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_15 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
logo
Linear Technology
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com