Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 9Page - Dialog Semiconductor DA9313 Datasheet HTML 10Page - Dialog Semiconductor DA9313 Datasheet HTML 11Page - Dialog Semiconductor DA9313 Datasheet HTML 12Page - Dialog Semiconductor DA9313 Datasheet HTML 13Page - Dialog Semiconductor DA9313 Datasheet HTML 14Page - Dialog Semiconductor DA9313 Datasheet HTML 15Page - Dialog Semiconductor DA9313 Datasheet HTML 16Page - Dialog Semiconductor DA9313 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
13 of 54
© 2017 Dialog Semiconductor
7
Electrical Characteristics
7.1
Power-On-Reset, Reference Generation and Supervision
Table 5: Power-on-Reset, Reference and Supervision Characteristics
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VIN = 5 V to 10.5 V for
standalone/master device
Parameter
Description
Conditions
Min
Typ
Max
Unit
IDD_PD
Quiescent current in
POWER_DOWN mode
6
µA
IDD_ACT
Quiescent current in
ACTIVE/SLEEP mode
(standalone)
PVC enabled in auto.
frequency mode
no load
VDDIO disabled
55
µA
IDD_ACT_MASTER
Quiescent current in
ACTIVE mode (master)
PVC enabled in auto.
frequency mode
no load
VDDIO disabled
60
µA
IDD_ACT_SLAVE
Quiescent current (slave)
Master PVC in auto.
frequency mode
no load
VDDIO disabled
10
µA
VTH_LO_POR
Power on reset lower
threshold
Measured @VCORE
VDD decreasing
2.8
V
VTH_HI_POR
Power on reset higher
threshold
Measured @VCORE
VDD increasing
3.7
V
VTH_UVLO_VDD
Under voltage lockout
threshold @ VDD
VDD decreasing
Configurable in 50 mV
steps (Note 1)
(VBAT_UV_CRIT)
4.6
5.0
6.15
V
VTH_UVLO_ACC
Under voltage lockout
threshold accuracy
-2
+2
%
VHYST_UVLO_VDD
Under voltage lockout
hysteresis @ VDD
Configurable in 50 mV
steps (VBAT_UV_HYS)
50
200
400
mV
VTH_WARN
Under voltage warning
threshold
VDD decreasing
Configurable in 200 mV
steps (VBAT_UV_WARN)
5.2
6.6
V
VTH_WARN_ACC
Under voltage warning
threshold accuracy
-2
+2
%
VTH_PG_PVC
Power voltage converter
power good threshold
Configurable in 100 mV
steps (PVC_PG_ADJ)
2.5
3.0
5.0
V
VTH_PG_ACC
Power voltage converter
power good threshold
accuracy
-2
+2
%
VHYST_PG_PVC
Power voltage converter
power good hysteresis
100
mV
TTH_WARN
(Note 2)
Thermal warning
threshold temperature
110
125
140
°C
TTH_CRIT
(Note 2)
Thermal critical threshold
temperature
125
140
155
°C
tACTIVE
Time to ACTIVE from
NONKEY_MODE= 0
1.5
3.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com