Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 33Page - Dialog Semiconductor DA9313 Datasheet HTML 34Page - Dialog Semiconductor DA9313 Datasheet HTML 35Page - Dialog Semiconductor DA9313 Datasheet HTML 36Page - Dialog Semiconductor DA9313 Datasheet HTML 37Page - Dialog Semiconductor DA9313 Datasheet HTML 38Page - Dialog Semiconductor DA9313 Datasheet HTML 39Page - Dialog Semiconductor DA9313 Datasheet HTML 40Page - Dialog Semiconductor DA9313 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
37 of 54
© 2017 Dialog Semiconductor
S SLAVEadr W A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
7-bits
DATA
A
Sr
R
1-bit
8-bits
S
SLAVEadr
W
A
REGadr
A
SLAVEadr
A
7-bits
1-bit
8-bits
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
A
*
P
DATA
DATA
A
A
*
DATA
8-bits
8-bits
8-bits
Figure 18: I
2C Page Read (SDA Line)
NOTE
The slave address after the Repeated START condition must be the same as the previous slave address.
Consecutive (page) write mode is supported if the master sends several data bytes following a slave
register address. The I
2C control block then increments the address pointer to the next I2C address,
stores the received data and sends an Acknowledge until the master sends the STOP condition.
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 19: I
2C Page Write (SDA Line)
An alternative write mode, alternating register address and data, can be configured via register bit
WRITE_MODE. Register addresses and data are sent alternately, see Figure 20, to support host
repeated write operations that access several non-consecutive registers. Data will be stored at the
previously received register address.
An update of WRITE_MODE cannot be done without interruption within a transmission frame. Thus,
if not previously selected or not set as OTP default, the activation of Repeated Write must be done
with a regular write on WRITE_MODE followed by a STOP condition. The next frame after a START
condition can be written in Repeated Write
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REGadr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 20: I
2C Repeated Write (SDA Line)
If a new START or STOP condition occurs within a message, the bus will return to IDLE-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com