Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTY87S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTY87S
Description  Micro SIDELED 3010
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTY87S Datasheet(HTML) 1 Page - OSRAM GmbH

  LTY87S_17 Datasheet HTML 1Page - OSRAM GmbH LTY87S_17 Datasheet HTML 2Page - OSRAM GmbH LTY87S_17 Datasheet HTML 3Page - OSRAM GmbH LTY87S_17 Datasheet HTML 4Page - OSRAM GmbH LTY87S_17 Datasheet HTML 5Page - OSRAM GmbH LTY87S_17 Datasheet HTML 6Page - OSRAM GmbH LTY87S_17 Datasheet HTML 7Page - OSRAM GmbH LTY87S_17 Datasheet HTML 8Page - OSRAM GmbH LTY87S_17 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-01-31
1
2017-01-31
Micro SIDELED 3010
Datasheet
Version 1.3 - OS-PCN-2016-012-A
LT Y87S
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % IV: 120°
•
Abstrahlwinkel bei 50 % IV: 120°
•
Color: true green (528 nm)
•
Farbe: true green (528 nm)
•
Optical efficiency (typ.): 6 lm/W (true green)
•
Optischer Wirkungsgrad (typ.): 6 lm/W (true
green)
Applications
Anwendungen
•
Coupling into Light Guides
•
Einkopplung in Lichtleiter
•
Backlighting
•
Hinterleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Dashboard Backlighting
•
Instrumentenbeleuchtung


Similar Part No. - LTY87S_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTY87S-P2R1-35 OSRAM-LTY87S-P2R1-35 Datasheet
494Kb / 20P
Coupling into Light Guides
LTY87S-P2S1-35 OSRAM-LTY87S-P2S1-35 Datasheet
494Kb / 20P
Coupling into Light Guides
LTY87S-Q2S1-35 OSRAM-LTY87S-Q2S1-35 Datasheet
494Kb / 20P
Coupling into Light Guides
More results

Similar Description - LTY87S_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
Micro SIDELED 3010
LW-Y1SG-BFCF-EKFM OSRAM-LW-Y1SG-BFCF-EKFM Datasheet
551Kb / 22P
Micro SIDELED 2808
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
Micro SIDELED 3010
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
Micro SIDELED
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
Micro SIDELED 3010
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
Micro SIDELED 2808
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
Micro SIDELED 3010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com