Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C554D Datasheet(PDF) 21 Page - Exar Corporation

Part # ST16C554D
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 21 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 17Page - Exar Corporation ST16C554D Datasheet HTML 18Page - Exar Corporation ST16C554D Datasheet HTML 19Page - Exar Corporation ST16C554D Datasheet HTML 20Page - Exar Corporation ST16C554D Datasheet HTML 21Page - Exar Corporation ST16C554D Datasheet HTML 22Page - Exar Corporation ST16C554D Datasheet HTML 23Page - Exar Corporation ST16C554D Datasheet HTML 24Page - Exar Corporation ST16C554D Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ST16C554/554D/68C554
21
Rev. 3.10
ISR BIT-0:
Logic 0 = An interrupt is pending and the ISR contents
may be used as a pointer to the appropriate interrupt
service routine.
Logic 1 = No interrupt pending. (normal default condi-
tion)
ISR BIT 1-3: (logic 0 or cleared is the default condition)
These bits indicate the source for a pending interrupt
at interrupt priority levels 1, 2, and 3 (See Interrupt
Source Table).
ISR BIT 4-5:
Not used - Initialized to a logic 0.
ISR BIT 6-7: (logic 0 or cleared is the default condition)
These bits are set to a logic 0 when the FIFO is not
being used. They are set to a logic 1 when the FIFOs
are enabled.
Line Control Register (LCR)
The Line Control Register is used to specify the
asynchronous data communication format. The word
length, the number of stop bits, and the parity are
selected by writing the appropriate bits in this register.
LCR BIT 0-1: (logic 0 or cleared is the default condi-
tion)
These two bits specify the word length to be transmit-
ted or received.
BIT-1
BIT-0
Word length
00
5
01
6
10
7
11
8
LCR BIT-2: (logic 0 or cleared is the default condition)
The length of stop bit is specified by this bit in
conjunction with the programmed word length.
BIT-2
Word length
Stop bit
length
(Bit time(s))
0
5,6,7,8
1
1
5
1-1/2
1
6,7,8
2
LCR BIT-3:
Parity or no parity can be selected via this bit.
Logic 0 = No parity. (normal default condition)
Logic 1 = A parity bit is generated during the transmis-
sion, receiver checks the data and parity for transmis-
sion errors.
LCR BIT-4:
If the parity bit is enabled with LCR bit-3 set to a logic
1, LCR BIT-4 selects the even or odd parity format.
Logic 0 = ODD Parity is generated by forcing an odd
number of logic 1’s in the transmitted data. The
receiver must be programmed to check the same
format. (normal default condition)
Logic 1 = EVEN Parity is generated by forcing an even
the number of logic 1’s in the transmitted. The receiver
must be programmed to check the same format.
LCR BIT-5:
If the parity bit is enabled, LCR BIT-5 selects the
forced parity format.
LCR BIT-5 = logic 0, parity is not forced. (normal
default condition)
LCR BIT-5 = logic 1 and LCR BIT-4 = logic 0, parity bit
is forced to a logical 1 for the transmit and receive
data.
LCR BIT-5 = logic 1 and LCR BIT-4 = logic 1, parity bit
is forced to a logical 0 for the transmit and receive
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com