Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7041-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7041-3
Description  3 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7041-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7041-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7041-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7041-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7041-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 4
4 to 7.5
GHz
VSWR, Max
1.25:1
1.45:1
.
Mechanical Specifications
Size
Length
5.55 in [140.97 mm]
Width/Diameter
2.65 in [67.31 mm]
Height
2.65 in [67.31 mm]
.
Weight
1.643 lbs [745.25 g]
Body Material and Plating
Black Anodized Aluminum Heatsink
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
7/16 DIN Male
7/16 DIN Female
Contact Material and Plating
Beryllium Copper
Beryllium Copper
Hex Size
1 1/4 in.
Torque
18.417 ft-lbs 24.97 Nm
Body Material and Plating
Brass
Brass
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE7041-3 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink
Body Rated to 25 Watts Up to 7.5 GHz
PE7041-3
RF Fixed Attenuators Technical Data Sheet
PE7041-3
3 dB Fixed Attenuator, 7/16 DIN Male to
7/16 DIN Female Black Anodized Aluminum Heatsink
Body Rated to 25 Watts Up to 7.5 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com