Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7041-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7041-3
Description  3 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7041-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7041-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7041-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7041-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7041-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Bidirectional
• DC to 7.5 GHz Frequency Range
• Attenuation 3±0.4 dB
• Max Power 25 Watts (CW)
• VSWR < 1.45:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 3 dB Fixed Attenuator PE7041-3 is rated to 25 Watts and operates from DC to 7.5 GHz.
The versatile coaxial package uses 7/16 DIN male to 7/16 DIN female connectors and is also REACH and RoHS compliant.
The Black Anodized Aluminum Heatsink body allows for efficient heat dissipation under high power usage conditions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
Impedance
50
Ohms
Nominal Attenuation
3
dB
Attenuation Accuracy
±0.4
dB
VSWR
1.45:1
Input Power, CW
25
Watts
derated linearly to 5W at +125°C
Input Power, Peak
500
Watts
5µs
pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink
Body Rated to 25 Watts Up to 7.5 GHz
PE7041-3
PE7041-3 REV 1.1
3 dB Fixed Attenuator, 7/16 DIN Male to
7/16 DIN Female Black Anodized Aluminum Heatsink
Body Rated to 25 Watts Up to 7.5 GHz
RF Fixed Attenuators Technical Data Sheet
PE7041-3


Similar Part No. - PE7041-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7041-3 PASTERNACK-PE7041-3 Datasheet
220Kb / 3P
3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-30 PASTERNACK-PE7041-30 Datasheet
220Kb / 3P
30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-30 PASTERNACK-PE7041-30 Datasheet
254Kb / 4P
30 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-30 PASTERNACK-PE7041-30_16 Datasheet
254Kb / 4P
30 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7041-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7040-2 PASTERNACK-PE7040-2_16 Datasheet
234Kb / 4P
2 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7040-3 PASTERNACK-PE7040-3_16 Datasheet
235Kb / 4P
3 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7040-6 PASTERNACK-PE7040-6_16 Datasheet
235Kb / 4P
6 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7040-20 PASTERNACK-PE7040-20_16 Datasheet
235Kb / 4P
20 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7040-40 PASTERNACK-PE7040-40_16 Datasheet
235Kb / 4P
40 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-2 PASTERNACK-PE7041-2_16 Datasheet
254Kb / 4P
2 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-6 PASTERNACK-PE7041-6_16 Datasheet
254Kb / 4P
6 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-10 PASTERNACK-PE7041-10_16 Datasheet
254Kb / 4P
10 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-20 PASTERNACK-PE7041-20_16 Datasheet
254Kb / 4P
20 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-30 PASTERNACK-PE7041-30_16 Datasheet
254Kb / 4P
30 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com