Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4412FGML Datasheet(PDF) 1 Page - ebm-papst

Part # 4412FGML
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4412FGML Datasheet(HTML) 1 Page - ebm-papst

  4412FGML Datasheet HTML 1Page - ebm-papst 4412FGML Datasheet HTML 2Page - ebm-papst 4412FGML Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
54
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / No-go alarm
- Alarm with limit speed
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analogue control input
- Protection against moisture
DC axial fans
Series 4400 F
119 x 119 x 25 mm
max.
170 m3/h
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm
°C
Hours
Hours
4412 FGL
94
55
12
7...14
26
3,9
1,3
1 600
-20...+75
80 000 / 35 000
135 000
➀
4412 FGML
114
67
12
7...12,6
32
4,3
2,0
1 950
-20...+75
75 000 / 32 500
127 500
➁
4412 FML
114
67
12
7...12,6
32
4,3
2,0
1 950
-20...+75
75 000 / 32 500
127 500
➁
4412 FGM
140
82
12
7...12,6
38
4,8
3,2
2 400
-20...+75
70 000 / 30 000
117 500
➂
4412 FM
140
82
12
7...12,6
38
4,8
3,2
2 400
-20...+75
70 000 / 30 000
117 500
➂
4412 FG
170
100
12
8...12,6
43
5,3
5,3
2 900
-20...+60
60 000 / 37 500
102 500
➃
4412 F
170
100
12
8...12,6
43
5,3
5,3
2 900
-20...+60
60 000 / 37 500
102 500
➃
4414 FL
94
55
24
18...28
26
3,9
1,2
1 600
-20...+75
80 000 / 35 000
135 000
➀
4414 FM
140
82
24
12...28
38
4,8
3,1
2 400
-20...+75
70 000 / 30 000
117 500
➂
4414 FG
170
100
24
12...28
43
5,3
5,0
2 900
-20...+60
60 000 / 37 500
102 500
➃
4414 F
170
100
24
12...28
43
5,3
5,0
2 900
-20...+60
60 000 / 37 500
102 500
➃
4418 FG
170
100
48
28...53
43
5,3
5,4
2 900
-20...+60
60 000 / 37 500
102 500
➃
4418 F
170
100
48
28...53
43
5,3
5,4
2 900
-20...+60
60 000 / 37 500
102 500
➃
Subject to alternations
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counter-clockwise, seen
on rotor
– Connection:
Via single wires AWG 24,
TR 64
– Highlights:
Ball bearings and plain
bearings available
– Mass:
175 g
1) Fibreglass-reinforced plastic
0
1 53 04 5
6 07 5
9 0
25
50
20
40
30
75
100
125
1
2
10
50
3
4
m³/h
CFM
Nominal data
Available on request:
Fan housing with moulded-in
spacers. For mounting over
both flanges.
tin-pla
ted
Guard grilles
from p. 238


Similar Part No. - 4412FGML

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4412FGML EBMPAPST-4412FGML Datasheet
304Kb / 4P
DC axial compact fan
4412FGML EBMPAPST-4412FGML Datasheet
439Kb / 1P
TUBEAXIAL
4412FGML EBMPAPST-4412FGML Datasheet
379Kb / 3P
DC axial fans
More results

Similar Description - 4412FGML

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com